Electronic Components Datasheet Search
  English  ▼

X  

780964 Datasheet(PDF) 39 Page - NEC

Part # 780964
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

780964 Datasheet(HTML) 39 Page - NEC

Back Button 780964 Datasheet HTML 35Page - NEC 780964 Datasheet HTML 36Page - NEC 780964 Datasheet HTML 37Page - NEC 780964 Datasheet HTML 38Page - NEC 780964 Datasheet HTML 39Page - NEC 780964 Datasheet HTML 40Page - NEC 780964 Datasheet HTML 41Page - NEC 780964 Datasheet HTML 42Page - NEC 780964 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
39
CHAPTER 4 INSTRUCTION SET
User's Manual U12326EJ4V0UM
4.2.2 Instruction code list
Instruction
Mnemonic
Operands
Operation Code
Group
B1
B2
B3
B4
8-Bit Data
MOV
r,#byte
1010
0 R2 R1 R0
Data
Transfer
saddr,#byte
0001
0001
Saddr-offset
Data
sfr,#byte
0001
0011
Sfr-offset
Data
A,r
Note
0110
0 R2 R1 R0
r,A
Note
0111
0 R2 R1 R0
A,saddr
1111
0000
Saddr-offset
saddr,A
1111
0010
Saddr-offset
A,sfr
1111
0100
Sfr-offset
sfr,A
1111
0110
Sfr-offset
A,!addr16
1000
1110
Low addr
High addr
!addr16,A
1001
1110
Low addr
High addr
PSW,#byte
0001
0001
0001
1110
Data
A,PSW
1111
0000
0001
1110
PSW,A
1111
0010
0001
1110
A,[DE]
1000
0101
[DE],A
1001
0101
A,[HL]
1000
0111
[HL],A
1001
0111
A,[HL+byte]
1010
1110
Data
[HL+byte],A
1011
1110
Data
A,[HL+B]
1010
1011
[HL+B],A
1011
1011
A,[HL+C]
1010
1010
[HL+C],A
1011
1010
XCH
A,r
Note
0011
0 R2 R1 R0
A,saddr
1000
0011
Saddr-offset
A,sfr
1001
0011
Sfr-offset
A,!addr16
1100
1110
Low addr
High addr
A,[DE]
0000
0101
A,[HL]
0000
0111
A,[HL+byte]
1101
1110
Data
A,[HL+B]
0011
0001
1000
1011
A,[HL+C]
0011
0001
1000
1010
Note Except r = A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com