Electronic Components Datasheet Search
  English  ▼

X  

78083 Datasheet(PDF) 32 Page - NEC

Part # 78083
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78083 Datasheet(HTML) 32 Page - NEC

Back Button 78083 Datasheet HTML 28Page - NEC 78083 Datasheet HTML 29Page - NEC 78083 Datasheet HTML 30Page - NEC 78083 Datasheet HTML 31Page - NEC 78083 Datasheet HTML 32Page - NEC 78083 Datasheet HTML 33Page - NEC 78083 Datasheet HTML 34Page - NEC 78083 Datasheet HTML 35Page - NEC 78083 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
32
User's Manual U12326EJ4V0UM
CHAPTER 4
INSTRUCTION SET
This chapter lists the instructions in the 78K/0 Series instruction set. The instructions are common to all
78K/0 Series products.
4.1 Operation
For the operation list for each product, refer to the user’s manual of each product.
4.1.1 Operand identifiers and description methods
Operands are described in the “Operand” column of each instruction in accordance with the description method
of the instruction operand identifier (refer to the assembler specifications for details). When there are two or more
description methods, select one of them. Alphabetic letters in capitals and the symbols, #, !, $ and [ ] are key
words and are described as they are. Each symbol has the following meaning.
•
#: Immediate data specification
•
!:
Absolute address specification
•
$: Relative address specification
•
[ ]: Indirect address specification
In the case of immediate data, describe an appropriate numeric value or a label. When using a label, be sure
to describe the #, !, $ and [ ] symbols.
For operand register identifiers, r and rp, either function names (X, A, C, etc.) or absolute names (names in
parentheses in the table below, R0, R1, R2, etc.) can be used for description.
Table 4-1. Operand Identifiers and Description Methods
Identifier
Description Method
r
X (R0), A (R1), C (R2), B (R3), E (R4), D (R5), L (R6), H (R7)
rp
AX (RP0), BC (RP1), DE (RP2), HL (RP3)
sfr
Special-function register symbolNote
sfrp
Special-function register symbols (16-bit manipulatable register even addresses only)Note
saddr
FE20H to FF1FH Immediate data or labels
saddrp
FE20H to FF1FH Immediate data or labels (even addresses only)
addr16
0000H to FFFFH Immediate data or labels (Only even addresses for 16-bit data transfer instructions)
addr11
0800H to 0FFFH Immediate data or labels
addr5
0040H to 007FH Immediate data or labels (even addresses only)
word
16-bit immediate data or label
byte
8-bit immediate data or label
bit
3-bit immediate data or label
RBn
RB0 to RB3
Note FFD0H to FFDFH are not addressable.
Remark Refer to the user’s manual of each product for the symbols of special function registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com