Electronic Components Datasheet Search
  English  ▼

X  

2SA2124 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SA2124
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2124 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SA2124 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA2124
No.7920-1/4
Applications
•
Voltage regulators, relay drivers, lamp drivers, electrical equipment.
Features
•
Adoption of MBIT processes.
•
Low collector-to-emitter saturation voltage.
•
High current capacity.
•
High-speed switching.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--30
V
Collector-to-Emitter Voltage
VCEO
--30
V
Emitter-to-Base Voltage
VEBO
--6
V
Collector Current
IC
--2
A
Collector Current (Pulse)
ICP
--5
A
Base Current
IB
--400
mA
Collector Dissipation
PC
Mounted on a ceramic board (450mm2!0.8m)
1.3
W
Tc=25
°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--30V, IE=0
--0.1
µA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0
--0.1
µA
DC Current Gain
hFE(1)
VCE=--2V, IC=--100mA
200
560
hFE(2)
VCE=--2V, IC=--1.5A
65
Gain-Bandwidth Product
fT
VCE=--10V, IC=--300mA
440
MHz
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1.5A, IB=--75mA
--0.2
--0.4
V
Base-to-Emitterr Saturation Voltage
VBE(sat)
IC=--1.5V, IB=--75mA
--0.95
--1.2
V
Marking : AX
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7920
D2004EA TS IM TB-00000072
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
2SA2124
PNP Epitaxial Planar Silicon Transistors
High-Current Switching Applications


Similar Part No. - 2SA2124

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2124 SANYO-2SA2124 Datasheet
97Kb / 4P
High-Current Switching Applications
2SA2124 SANYO-2SA2124 Datasheet
423Kb / 7P
High-Current Switching Applications
logo
ON Semiconductor
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2124-TD-E ONSEMI-2SA2124-TD-E Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
logo
Sanyo Semicon Device
2SA2124 SANYO-2SA2124_09 Datasheet
97Kb / 4P
High-Current Switching Applications
More results

Similar Description - 2SA2124

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com