Electronic Components Datasheet Search
  English  ▼

X  

ITR9908 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ITR9908
Description  ITR9908
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ITR9908 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ITR9908 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITR9908 Datasheet HTML 2Page - List of Unclassifed Manufacturers ITR9908 Datasheet HTML 3Page - List of Unclassifed Manufacturers ITR9908 Datasheet HTML 4Page - List of Unclassifed Manufacturers ITR9908 Datasheet HTML 5Page - List of Unclassifed Manufacturers ITR9908 Datasheet HTML 6Page - List of Unclassifed Manufacturers ITR9908 Datasheet HTML 7Page - List of Unclassifed Manufacturers ITR9908 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Device Number: DRX-908-096
REV: 1.0
MODEL NO: ITR9908
Ecn:
Page:7/8
00/12/11 05:49 PM
7
9908.DOC
Items
Purpose & Condition
Failure Judgement
Criteria
Samples(n)
Defective(c)
Operating Life
Evaluates product's endurance
n =22
c=0
to prolonged electrical or
temperature stresses. Standard
test Condition:
VCE=5V
IF=20mA
Time : 1000hrs
High Temperature Evaluates product's ability to
n =22
c=0
withstand prolonged storage
High Humidity
at high temperature and high
humidity. Standard test
Condition:
Temperature: 85

Relative humidity:85%
Time : 1000hrs
Soldering Heat
Evaluates product's ability to
n =22
c=0
withstand soldering heat
Standard test conditions
Solder temperature : 260±5

Solder time : 10 seconds
IR
U x 2
Ic(on)
L x 0.8
VF
U x 1.2
U
Upper
specification
limit
L
Lower
specification
limit
 Supplement
1.Parts
(1) Chip
Type
Material
Peak Wavelength
IR
GaAlAs
940nm
PT
Silicon
860nm
(2) Material
Type
Lead frame
Wire
Package
Holder
ITR
SPCC
Gold
Epoxy
NORYL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com