Electronic Components Datasheet Search
  English  ▼

X  

2N6343 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6343
Description  isc Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6343 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6343 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
2N6343
DESCRIPTION
·
With TO-220 packaging
·
High operating junction temperature
·
Very high commutation performance maximized
at each gate sensitivity
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
High temperature, high power motor control
·
Solid state relays;heating and cooking appliances
·
Switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
400
V
VRRM
Repetitive peak reverse voltage
400
V
IT(RMS)
RMS on-state current
@Tc=80℃
8
A
ITSM
Surge non-repetitive on-state current
60HZ
100
A
PG(AV)
Average gate power dissipation ( over any 20 ms period )
0.5
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM Rated;
VD=VDRM Rated;
Tj=25℃
Tj=100℃
0.01
2
mA
IDRM
Repetitive peak off-state current
VTM
On-state voltage
IT=11A,tP=380μs
1.55
V
IGT
Gate-trigger current
VD =12V;RL=100Ω
Ⅰ
50
mA
Ⅱ
50
Ⅲ
50
VGT
Gate-trigger voltage
VD =12V;RL=100Ω
2.0
V


Similar Part No. - 2N6343

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6343 MOTOROLA-2N6343 Datasheet
114Kb / 6P
TRIACS Silicon Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
2N6343 NJSEMI-2N6343 Datasheet
167Kb / 1P
TO-220AB
logo
Digitron Semiconductors
2N6343 DIGITRON-2N6343 Datasheet
249Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
List of Unclassifed Man...
2N6343 ETC-2N6343 Datasheet
95Kb / 1P
TRIAC IN PLASTIC PACKAGE
logo
New Jersey Semi-Conduct...
2N6343A NJSEMI-2N6343A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - 2N6343

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com