Electronic Components Datasheet Search
  English  ▼

X  

39K100 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # 39K100
Description  CPLDs at FPGA DensitiesTM
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

39K100 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button 39K100 Datasheet HTML 17Page - Cypress Semiconductor 39K100 Datasheet HTML 18Page - Cypress Semiconductor 39K100 Datasheet HTML 19Page - Cypress Semiconductor 39K100 Datasheet HTML 20Page - Cypress Semiconductor 39K100 Datasheet HTML 21Page - Cypress Semiconductor 39K100 Datasheet HTML 22Page - Cypress Semiconductor 39K100 Datasheet HTML 23Page - Cypress Semiconductor 39K100 Datasheet HTML 24Page - Cypress Semiconductor 39K100 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Delta39K™ ISR™
CPLD Family
Document #: 38-03039 Rev. *H
Page 21 of 86
Internal Parameters
tCHMCHAA
Asynchronous channel memory access time from input of channel memory to output of channel memory
Channel Memory Timing Parameter Descriptions Over the Operating Range (continued)
Parameter
Description
Switching Characteristics — Parameter Values Over the Operating Range
Parameter
233
200
181
125
83
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Combinatorial Mode Parameters
tPD
7.2
7.5
8.5
10
15
ns
tEA
4.5
5.0
5.6
9.0
10
ns
tER
4.5
5.0
5.3
9.0
10
ns
tPRR
6.0
6.0
6.0
8.0
10
ns
tPRO
9.5
10
10.5
13
15
ns
tPRW
3.3
3.6
4.0
6.0
7.0
ns
Synchronous Clocking Parameters
tMCS
2.7
3.0
3.5
5.0
6.7
ns
tMCH
00
0
0
0
ns
tMCCO
5.8
6.0
7.0
10
12
ns
tIOS
1.0
1.0
1.2
2.0
2.5
ns
tIOH
0.9
1.0
1.2
2.0
2.5
ns
tIOCO
3.8
4.0
4.5
7.0
8.0
ns
tSCS
3.4
3.5
3.6
6.4
9.6
ns
tSCS2
4.3
4.5
5.5
8.0
12
ns
tICS
4.5
5.0
5.5
8.0
12
ns
tOCS
4.5
5.0
5.5
8.0
12
ns
tCHZ
3.5
3.5
3.8
6.0
7.0
ns
tCLZ
1.5
1.5
1.5
1.5
1.5
ns
fMAX
294
286
278
156
104
MHz
fMAX2
233
222
181
125
83
MHz
Product Term Clocking Parameters
tMCSPT
2.7
3.0
3.3
5.0
6.0
ns
tMCHPT
0.9
1.0
1.4
2.0
2.5
ns
tMCCOPT
7.5
8.0
8.8
11.0
15.0
ns
tSCS2PT
6.0
6.5
7.2
10.0
15.0
ns
Channel Interconnect Parameters
tCHSW
0.9
1.0
1.2
1.7
2.0
ns
tCL2CL
1.8
2.0
2.3
2.8
3.0
ns
Miscellaneous Parameters
tCPLD
2.8
3.0
3.3
4.0
5.0
ns
tMCCD
0.22
0.25
0.28
0.35
0.38
ns
PLL Parameters
tMCCJ
–150
150
–150
150
–150
150
–180
180
–200
200
ps
tDWSA
–1.35
–0.85
–1.35
–0.85
–1.35
–0.85
–2.0
–1.5
–2.9
–2.4
ns
tDWOSA
–150
150
–150
150
–150
150
–180
180
–200
200
ps
tLOCK
250
250
250
250
250
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com