Electronic Components Datasheet Search
  English  ▼

X  

TP0102AZ Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP0102AZ
Description  1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP0102AZ Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP0102AZ Datasheet HTML 1Page - Toppower Electronic Technology Limited TP0102AZ Datasheet HTML 2Page - Toppower Electronic Technology Limited TP0102AZ Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP01(02)AZ series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION
:
The rated output power of TP01(02)AZ series is 1W,2W with wide input voltage range, for both AC input
and DC input application
. High reliability, Low power consumption, low leakage current 0.1mA, High
isolation
.Product safe and reliable,Good EMC performance,EMC And meet the safety specifications of
IEC/EN61000-4
、CISPR22/EN55022、UL62368/EN662368/IEC62368. Widely used in industrial control
and electrical instrumentation, smart home, which do not have high requirement on EMC.
The EMC external circuit must be added if the products need to be applied to EMC harsh environment .
1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Output Voltage accuracy
±3.0% (±5.0% max
)
Line regulation
±1.0%
Load regulation
±1.0%
Start rising time( Typ.)
20ms/230VAC
50ms/115VAC at full load
Start holding time( Typ.)
40ms/230VAC
15ms/115VAC at full load
Short circuit protection
Over-Load protection , Over-Current protection ,Short circuit protection , Auto recovery
GENERAL CHARACTERISTICS
Operating temperature
—40 ~ +80 ℃ (≧50℃, derating @0.011W/℃)
Operating humidity
85% .RH max
Storage temperature
–40 ~ +85, 10 ~ 95% RH
Temperature coefficient
0.03%/ (0~ 50℃)
Vibration coefficient
10~500Hz,2G10min./1cycle, 60min.each along X,Y,Z axes
FEATURES
ultra-small size
,width is only1.5CM
Universal input voltage range
Low Ripple & Noise、output protection
Lower power consumption, no-load loss<0.05W
Built-in EMI filter circuit
RoHS compliant
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ. )
%
Ripple
(mv)
VAC
VDC
Voltage
(VDC)
Current
(mA)
TP01AZ220S05W
85-305
80-400
5
200
68
150
TP01AZ220S09W
85-305
80-400
9
111
70
150
TP01AZ220S12W
85-305
80-400
12
83
71
150
TP01AZ220S15W
85-305
80-400
15
67
71
150
TP01AZ220S24W
85-305
80-400
24
42
74
150
TP02AZ220S05W
85-305
80-400
5
400
70
150
TP02AZ220S09W
85-305
80-400
9
222
73
150
TP02AZ220S12W
85-305
80-400
12
167
76
150
TP02AZ220S15W
85-305
80-400
15
133
77
150
TP02AZ220S24W
85-305
80-400
24
83
78
150
INPUT CHARACTERISTICS
Voltage range
85~ 305VAC,80 ~ 400VDC
Input frequency
47 ~ 440Hz
Input current (Typ.)
55m A / 115VAC,34m A / 230VAC
Inrush Current (Typ.)
20 A/230 VAC
Recommended values for External Fuses
10 /1W( Fusible Resistor)
Leakage current ( Typ.)
<0.1Ma at 265VAC/50Hz
TOPPOWER


Similar Part No. - TP0102AZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP0101K VISHAY-TP0101K Datasheet
90Kb / 1P
TP0101K vs. TP0101T Specification Comparison
11-May-05
TP0101K VISHAY-TP0101K Datasheet
205Kb / 4P
P-Channel 20-V (D-S) MOSFET
21-Nov-05
logo
VBsemi Electronics Co.,...
TP0101K-T1-E3 VBSEMI-TP0101K-T1-E3 Datasheet
471Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
TP0101K-T1-GE3 VISHAY-TP0101K-T1-GE3 Datasheet
231Kb / 9P
P-Channel 20-V (D-S) MOSFET, Low-Threshold
29-Dec-08
TP0101K VISHAY-TP0101K_04 Datasheet
101Kb / 5P
P-Channel 20-V (D-S) MOSFET, Low-Threshold
16-Feb-04
More results

Similar Description - TP0102AZ

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP01AZ TOPPOWER-TP01AZ Datasheet
681Kb / 3P
1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP01AZ TOPPOWER-TP01AZ_V01 Datasheet
261Kb / 3P
1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR_V01 Datasheet
245Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
TP01AZ TOPPOWER-TP01AZ_V02 Datasheet
459Kb / 3P
1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com