Electronic Components Datasheet Search
  English  ▼

X  

ALD1702A Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1702A
Description  5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1702A Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1702A Datasheet HTML 1Page - Advanced Linear Devices ALD1702A Datasheet HTML 2Page - Advanced Linear Devices ALD1702A Datasheet HTML 3Page - Advanced Linear Devices ALD1702A Datasheet HTML 4Page - Advanced Linear Devices ALD1702A Datasheet HTML 5Page - Advanced Linear Devices ALD1702A Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
N/C
-IN
+IN
N/C
OUT
N/C
V-
V+
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ADVANCED
LINEAR
DEVICES, INC.
ALD1702A/ALD1702B
ALD1702/ALD1703
PIN CONFIGURATION
* N/C Pin is internally connected. Do not connect externally.
FEATURES
• Rail-to-rail input and output voltage ranges
• All parameters specified for +5V single
supply or
±2.5V dual supply systems.
• High load capacitance capability --
4000pF typical
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
1.0pA typical (30pA max.)
• Ideal for high source impedance applications
• Dual power supply
±2.5V to ±5.0V operation
• Single power supply +5V to +12V operation
• High voltage gain -- typically 85V/mV
@
±2.5V and 250V/mV @ ±5.0V
• Drive as low as 2K
Ω load with 5mA
drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
(1.0MHz min.)
• Slew rate of 2.1V/
µs (1.4V/µs min.)
• Low power dissipation
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
GENERAL DESCRIPTION
The ALD1702/ALD1703 is a monolithic operational amplifier intended
primarily for a wide range of analog applications in +5V single power
supply and
±5V dual power supply systems as well as +4V to +12V battery
operated systems. All device characteristics are specified for +5V single
supply or
±2.5V dual supply systems. It is manufactured with Advanced
Linear Devices' enhanced ACMOS silicon gate CMOS process.
The device is designed to offer a balanced trade-off of performance
parameters providing a wide range of desired specifications. It offers the
industry pin configuration of
µA741 and ICL7611 types.
The ALD1702/ALD1703 has been developed specifically with the 5V
single supply or
±2.5 dual supply user in mind. Several important
characteristics of the device make many applications easy to implement
for these supply voltages. First, the operational amplifier can operate with
rail to rail input and output voltages. This feature allows numerous analog
serial stages to be implemented without losing operating voltage margin.
Secondly, the device was designed to accommodate mixed applications
where digital and analog circuits may work off the same 5V power supply.
Thirdly, the output stage can drive up to 400pF capacitive and 5K
Ω
resistive loads in non-inverting unity gain connection and double the
capacitance in the inverting unity gain mode.
These features, coupled with extremely low input currents, high voltage
gain, useful bandwidth of 1.5MHz, slew rate of 2.1V/
µs, low power
dissipation, low offset voltage and temperature drift, make the ALD1702/
ALD1703 a truly versatile, user friendly, operational amplifier.
The ALD1702/ALD1703 is designed and fabricated with silicon gate
CMOS technology, and offers 1pA typical input bias current. On-chip offset
voltage trimming allows the device to be used without nulling in most
applications. The device offers typical offset drift of less than 7
µV/°C which
eliminates many trim or temperature compensation circuits. For precision
applications, the ALD1702 is designed to settle to 0.01% in 8
µs.
ORDERING INFORMATION
Operating Temperature Range
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD1702A DA
ALD1702A SA
ALD1702A PA
ALD1702B DA
ALD1702B SA
ALD1702B PA
ALD1702 DA
ALD1702 SA
ALD1702 PA
ALD1703 DA
ALD1703 SA
ALD1703 PA
* Contact factory for industrial temperature range
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1702A

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1702ADA ALD-ALD1702ADA Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702ADA ADL-ALD1702ADA Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1702APAL ALD-ALD1702APAL Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702APAL ADL-ALD1702APAL Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results

Similar Description - ALD1702A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com