Electronic Components Datasheet Search
  English  ▼

X  

ALD1702BDA Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1702BDA
Description  5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1702BDA Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1702BDA Datasheet HTML 1Page - Advanced Linear Devices ALD1702BDA Datasheet HTML 2Page - Advanced Linear Devices ALD1702BDA Datasheet HTML 3Page - Advanced Linear Devices ALD1702BDA Datasheet HTML 4Page - Advanced Linear Devices ALD1702BDA Datasheet HTML 5Page - Advanced Linear Devices ALD1702BDA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALD1702A/ALD1702B
Advanced Linear Devices
3
ALD1702/ALD1703
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
Overshoot
RL =10KΩ
Factor
10
10
10
10
%
CL = 100pF
Maximum Load
CL
400
400
400
400
pF
Gain = 1
Capacitance
4000
4000
4000
4000
pF
Gain = 5
Input Noise
en
26
26
26
26
nV/
√Hz f =1KHz
Voltage
Input Current
in
0.6
0.6
0.6
0.6
fA/
√Hz
f =10Hz
Noise
Settling Time
ts
8.0
8.0
8.0
8.0
µs
0.01%
3.0
3.0
3.0
3.0
µs
0.1% AV = -1
RL=5KΩ
CL=50pF
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25
°C VS = ±2.5V unless otherwise specified
1702A
1702B
1702
1703
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
TA = 25°C VS = ±5.0V unless otherwise specified
1702A
1702B
1702
1703
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Power Supply
PSRR
83
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode CMRR
83
83
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
250
250
250
250
V/mV
RL =10KΩ
Voltage Gain
Output Voltage
VO low
-4.9
-4.8
-4.9
-4.8
-4.9
-4.8
-4.9
-4.8
V
RL =10KΩ
Range
VO high
4.8
4.93
4.8
4.93
4.8
4.93
4.8
4.93
Bandwidth
BW
1.7
1.7
1.7
1.7
MHz
Slew Rate
SR
2.8
2.8
2.8
2.8
V/
µsAV = +1
CL = 50pF
Input Offset
VOS
3.0
4.0
6.5
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
8.0
8.0
8.0
nA
Current
Input Bias
IB
10.0
10.0
10.0
nA
Current
Power Supply
PSRR
60
75
60
75
60
75
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
10
25
10
25
7
25
V/ mV
RL = 10KΩ
Voltage Gain
Output Voltage
VO low
0.1
0.2
0.1
0.2
0.1
0.2
V
RL = 10KΩ
Range
VO high
4.8
4.9
4.8
4.9
4.8
4.9
1702A DA
1702B DA
1702 DA
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com