Electronic Components Datasheet Search
  English  ▼

X  

F6502 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F6502
Description  Ka-Band SATCOM Transmitter IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F6502 Datasheet(HTML) 1 Page - Integrated Device Technology

  F6502 Datasheet HTML 1Page - Integrated Device Technology F6502 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ka-Band SATCOM Transmitter IC
27GHz to 31GHz
F6502 Advance
Short-Form Datasheet
© 2018 Integrated Device Technology, Inc.
1
September 26, 2018
Description
The F6502 is an 8-channel transmitter (TX) silicon IC designed
using a SiGe BiCMOS process for Ka-Band SATCOM phased
array applications. The core IC has 360° 6-bit phase control
coupled with 35dB 6-bit gain control on each channel to achieve
fine beam steering and gain compensation between radiating
channels. The device has a 25dB nominal gain and 13dBm OP1dB.
The core chip achieves an RMS phase error of 3° and an RMS gain
error of 0.4dB over the frequency of operation. The typical total
power consumption is 1.6W (200mW per channel) at OP1dB.
Competitive Advantage
High integration
Orthogonality of phase and amplitude control
Advanced Serial Peripheral Interface (SPI) with 4-state
memory
Superior channel-to-channel isolation
Minimal footprint
Typical Applications
Ka-Band SATCOM
Aerospace and Maritime
Beam Steering
Test and Measurement
Features
27GHz to 31GHz operation
8 radiation channels
6-bit phase control
6-bit gain control
50ns typical gain settling time
20ns typical phase settling time
3° typical RMS phase error
0.4dB typical RMS gain error
35dB gain attenuation range
5-bit IC address
Integrated proportional-to-absolute temperature (PTAT)
sensor with external biasing
-40°C to +95°C internal temperature sensor
Programmable 4-state on-chip memory
Supply voltage: +2.1V to +2.5V
-40°C to +95°C ambient operating temperature range
27°C typical ambient operating temperature
3.8mm x 4.6mm, 62-BGA package
Block Diagram
Figure 1. Block Diagram
RF1
RF2
RF8
RF5
RFC
RF3
RF4
RF7
RF6


Similar Part No. - F6502

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F6501 ITF-F6501 Datasheet
183Kb / 8P
SAW Bandpass Filter F6501
logo
Integrated Device Techn...
F6501 IDT-F6501 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501AVGK IDT-F6501AVGK Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501AVGK8 IDT-F6501AVGK8 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501EVB IDT-F6501EVB Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
More results

Similar Description - F6502

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
High Performance ISM Band ASK/FSK Transmitter IC
Jan-2005
logo
Sanyo Semicon Device
LV2256PTT SANYO-LV2256PTT Datasheet
61Kb / 5P
Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
LV2257PTT SANYO-LV2257PTT Datasheet
61Kb / 5P
Bi-CMOS IC 434MHz Band FSK/ASK Wireless Transmitter IC
logo
Analog Devices
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
logo
List of Unclassifed Man...
ML7386 ETC2-ML7386 Datasheet
448Kb / 41P
Sub GHz band wireless transmitter IC
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
High Performance ISM Band OOK/FSK Transmitter IC
REV. A
logo
Integrated Device Techn...
F6501 IDT-F6501 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6101 IDT-F6101 Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
F6102 IDT-F6102 Datasheet
166Kb / 2P
Ka-Band SATCOM Receiver IC
logo
Ultralife Corporation.
AV2075-8 ULTRALIFE-AV2075-8 Datasheet
65Kb / 1P
Multi-Band ?쏝at Wing??SATCOM Antenna
23NOV10 REV:-
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com