Electronic Components Datasheet Search
  English  ▼

X  

F6503 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F6503
Description  Common Data Link (CDL) TX IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F6503 Datasheet(HTML) 1 Page - Integrated Device Technology

  F6503 Datasheet HTML 1Page - Integrated Device Technology F6503 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Common Data Link (CDL) TX IC
14GHz to 16GHz
F6503 Advance
Short-Form Datasheet
© 2018 Integrated Device Technology, Inc.
1
September 26, 2018
Description
The F6503 is an 8-channel transmitter (TX) silicon IC designed
using a SiGe BiCMOS process for CDL phased array applications.
The core IC has 360° 6-bit phase control coupled with 35dB 6-bit
gain control on each channel to achieve fine beam steering and
gain compensation between radiating channels. The device has a
25dB nominal gain and 13dBm OP1dB. The core chip achieves an
RMS phase error of 3° and an RMS gain error of 0.4dB over the
frequency of operation. The typical total power consumption is
1.4W (175mW per channel) at OP1dB.
Competitive Advantage
High integration
Orthogonality of phase and amplitude control
Advanced Serial Peripheral Interface (SPI) with 4 state
memory
Superior channel-to-channel isolation
Minimal footprint
Typical Applications
CDL Terminals
Aerospace and Maritime
Beam Steering
Point-to-Point (Line-of-Sight) Communications
Features
14GHz to 16GHz operation
8 radiation channels
6-bit phase control
6-bit gain control
50ns typical gain settling time
20ns typical phase settling time
3° typical RMS phase error
0.4dB typical RMS gain error
35dB gain attenuation range
5-bit IC address
Integrated proportional-to-absolute temperature (PTAT)
sensor with external biasing
-40°C to +95°C internal temperature sensor
Programmable 4-state on-chip memory
Supply voltage: +2.1V to +2.5V
-40°C to +95°C ambient operating temperature range
27°C typical ambient operating temperature
3.8mm x 4.6mm, 62-BGA package
Block Diagram
Figure 1. Block Diagram
RF1
RF2
RF8
RF5
RFC
RF3
RF4
RF7
RF6


Similar Part No. - F6503

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F6501 ITF-F6501 Datasheet
183Kb / 8P
SAW Bandpass Filter F6501
logo
Integrated Device Techn...
F6501 IDT-F6501 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501AVGK IDT-F6501AVGK Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501AVGK8 IDT-F6501AVGK8 Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
F6501EVB IDT-F6501EVB Datasheet
284Kb / 2P
Ku-Band SATCOM Transmitter IC
More results

Similar Description - F6503

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0299B STMICROELECTRONICS-STV0299B Datasheet
242Kb / 36P
QPSK/BPSK LINK IC
May-2000
logo
Rohm
BH1416F ROHM-BH1416F Datasheet
48Kb / 3P
Wireless Audio Link IC
BH1417F ROHM-BH1417F Datasheet
38Kb / 3P
Wireless Audio Link IC
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
UHF Multi Channel Transparent Data Link TX/RX
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
9600 baud Transparent Data Link IC
logo
Rohm
BH1414K-E2 ROHM-BH1414K-E2 Datasheet
275Kb / 20P
Wireless Audio Link IC
logo
Integrated Device Techn...
F6103 IDT-F6103 Datasheet
99Kb / 2P
Common Data Link (CDL) RX IC
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
IO-Link Device IC
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
IO-Link Device IC
Jan 25, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com