Electronic Components Datasheet Search
  English  ▼

X  

SAM3271 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SAM3271
Description  Dual Color LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SAM3271 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SAM3271 Datasheet HTML 1Page - KODENSHI_AUK CORP. SAM3271 Datasheet HTML 2Page - KODENSHI_AUK CORP. SAM3271 Datasheet HTML 3Page - KODENSHI_AUK CORP. SAM3271 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O2E003-000
2
SAM3271
Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Amber
Y-Green
Power dissipation
PD
75
75
mW
Forward current
IF
30
30
mA
*
1Peak forward current
IFP
50
50
mA
Reverse voltage
VR
4
4
V
Operating temperature range
Topr
-25
85
∼
℃
Storage temperature range
Tstg
-30
100
∼
℃
Soldering temperature
Tsol
260
for
℃
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
Amber
IF= 20mA
-
2.1
2.5
V
Y-Green
-
2.1
2.5
Luminous intensity
IV
Amber
IF= 20mA
4
9
-
mcd
Y-Green
5
12
-
Peak wavelength
P
Amber
IF= 20mA
-
630
-
nm
Y-Green
-
570
-
Spectrum bandwidth
∆λ
Amber
IF= 20mA
-
35
-
nm
Y-Green
-
30
-
Reverse current
IR
VR=4V
-
-
10
uA
Half angle
1/2
IF= 20mA
-
30
-
deg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com