Electronic Components Datasheet Search
  English  ▼

X  

URAF1040 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # URAF1040
Description  Switchmode Full Plastic Ultrafast Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

URAF1040 Datasheet(HTML) 1 Page - Mospec Semiconductor

  URAF1040 Datasheet HTML 1Page - Mospec Semiconductor URAF1040 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
URAF1030 Thru URAF1060
Switchmode
Full Plastic Ultrafast Power Rectifiers
Designed for use in switching power supplies. inverters and as free
wheeling diodes. These state-of-the-art devices have the following
features:
Features
*
High Surge Capacity
*
Low Power Loss, High efficiency
*
Glass Passivated chip junctions
*
175℃ Operating Junction Temperature
*
Low Stored Charge Majority Carrier Conduction
*
Low Forward Voltage , High Current Capability
*
High-Switching Speed 35 Nanosecond Recovery Time
*
Plastic Material used Carries Underwriters Laboratory
Mechanical Data
*
Case :JEDEC ITO-220AC molded plastic body
*
Terminals: Plated lead, solderable per MIL-STD-750, Method 2026
*
Polarity: As marked
*
Mounting Torque: 4-6kg.cm
*
Weight:1.7 g approx.
*In compliance with EU RoHs 2002/95/EC directives
ULTRA FAST
RECTIFIERS
10 AMPERES
300-600 VOLTS
ITO-220AC
MAXIMUM RATINGS
URAF10
Characteristic
Symbol
30
40
50
60
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
210
280
350
420
V
Average Rectifier Forward Current
Total Device (Rated VR),TC=55℃
IF(AV)
10
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz,TC=125℃)
IFM
20
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
half-wave, single phase, 60Hz)
IFSM
175
A
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +175
℃
MILLIMETERS
DIM
MIN
MAX
A
15.05
15.15
B
13.35
13.55
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.00
G
1.15
1.25
H
0.55
0.65
I
4.80
5.20
J
3.00
3.20
ELECTRICAL CHARACTERISTICS
URAF10
Characteristic
Symbol
30
40
50
60
Unit
Maximum Instantaneous Forward Voltage
( IF =10 Amp TC = 25℃)
( IF =10 Amp TC = 125℃)
VF
1.30
1.15
1.50
1.36
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
10
500
uA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
50
ns
Typical Thermal Resistance junction to
case
Rθ j-c
3.6
℃
/w
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
85
70
PF
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
O
3.35
3.45
P
2.65
2.75
Q
3.15
3.25


Similar Part No. - URAF1040

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
URAF1505 MOSPEC-URAF1505 Datasheet
185Kb / 3P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF1510 MOSPEC-URAF1510 Datasheet
185Kb / 3P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF1515 MOSPEC-URAF1515 Datasheet
185Kb / 3P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF1520 MOSPEC-URAF1520 Datasheet
185Kb / 3P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF1530 MOSPEC-URAF1530 Datasheet
193Kb / 2P
Switchmode Full Plastic Ultra-fast Power Rectifiers
More results

Similar Description - URAF1040

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
URAF0805 MOSPEC-URAF0805 Datasheet
189Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF0870 MOSPEC-URAF0870 Datasheet
149Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URAF1505 MOSPEC-URAF1505 Datasheet
185Kb / 3P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF0605 MOSPEC-URF0605 Datasheet
180Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1205 MOSPEC-URF1205 Datasheet
174Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1230 MOSPEC-URF1230 Datasheet
199Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1605 MOSPEC-URF1605 Datasheet
190Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1630 MOSPEC-URF1630 Datasheet
198Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1005 MOSPEC-URF1005 Datasheet
174Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
URF1030 MOSPEC-URF1030 Datasheet
145Kb / 2P
Switchmode Full Plastic Dual Ultrafast Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com