Electronic Components Datasheet Search
  English  ▼

X  

SSG4953-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4953-C
Description  Dual-P Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4953-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4953-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4953-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4953-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4953-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSG4953-C
-4.9A, -30V, RDS(ON) 48mΩ
Ω
Ω
Ω
Dual-P Enhancement Mode Power MOSFET
Elektronische Bauelemente
02-May-2018 Rev. G
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-30
-
-
V
VGS=0, ID= -250µA
Gate Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250µA
Forward Transconductance
gfs
-
6
-
S
VDS= -10V, ID= -4A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current
TJ=25°C
IDSS
-
-
-1
µA
VDS= -24V, VGS=0
TJ=55°C
-
-
-5
V DS= -24V, VGS=0
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
48
m
VGS= -10V, ID= -4A
-
-
82
VGS= -4.5V, ID= -3A
Total Gate Charge
Qg
-
6.4
-
nC
ID= -4A
VDS= -20V
VGS= -4.5V
Gate-Source Charge
Qgs
-
2.2
-
Gate-Drain Charge
Qgd
-
2.3
-
Turn-on Delay Time
Td(on)
-
9
-
nS
VDS= -12V
ID= -4A
VGS= -10V
RG=3.3
Rise Time
Tr
-
16.6
-
Turn-off Delay Time
Td(off)
-
21
-
Fall Time
Tf
-
21.6
-
Input Capacitance
Ciss
-
632
-
pF
VGS=0
VDS= -15V
f=1MHz
Output Capacitance
Coss
-
100
-
Reverse Transfer Capacitance
Crss
-
74
-
Source-Drain Diode
Continuous Source Current
1
IS
-
-
-4.9
A
Pulsed Source Current
3
ISM
-
-
-10
Forward on Voltage
4
VSD
-
-
-1.2
V
IS= -1A, VGS=0
Notes:
1.
Surface Mounted on 1”x1” FR4 Board with 2OZ copper.
2.
When mounted on Min. copper pad.
3.
Pulse width limited by maximum junction temperature, Pulse Width≦300µs, Duty Cycle≦2%.
4.
Pulse Test: Pulse Width≦300µs, Duty Cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com