Electronic Components Datasheet Search
  English  ▼

X  

G2SBA20 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # G2SBA20
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G2SBA20 Datasheet(HTML) 2 Page - Vishay Siliconix

  G2SBA20 Datasheet HTML 1Page - Vishay Siliconix G2SBA20 Datasheet HTML 2Page - Vishay Siliconix G2SBA20 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88604
22-Nov-04
G2SBA20, G2SBA60 & G2SBA80
Vishay Semiconductors
Electrical Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Thermal Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Notes: (1) Unit mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Test condition
Symbol
G2SBA20
G2SBA60
G2SBA80
Unit
Maximum instantaneous forward
voltage drop per leg
at 0.75 A
VF
1.00
V
Maximum DC reverse current at
rated DC blocking voltage per leg
TA = 25 °C
TA = 125 °C
IR
5.0
300
µA
Parameter
Symbol
G2SBA20
G2SBA60
G2SBA80
Unit
Typical thermal resistance per leg
RθJA
RθJC
40
12
°C/W
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Per Leg
0
0.5
1
1.5
2
0
25
50
75
100
125
150
P.C.B. Mounting, TA
Temperature (°C)
0
20
40
60
80
100
1
100
1.0 Cycle
Number of Cycles at 60 Hz
Figure 3. Typical Forward Characteristics Per Leg
Figure 4. Typical Reverse Characteristics Per Leg
0.01
0.1
1
10
100
0.6
1
1.4
1.8
2.2
2.6
3
3.4
Instantaneous Forward Voltage (V)
0.01
0.1
1
10
100
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TA = 125 °C
TA =25 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com