Electronic Components Datasheet Search
  English  ▼

X  

SSM9971-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM9971-C
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM9971-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSM9971-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM9971-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM9971-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM9971-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSM9971-C
5A, 60V, RDS(ON) 36mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
30-Oct-2017 Rev. C
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
60
-
-
V
VGS=0, ID=250µA
Breakdown Voltage Temperature Coefficient
△BVDSS/△TJ
-
0.063
-
V/°C
Reference to 25°C, I D=1mA
Gate-Threshold Voltage
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250µA
Forward Transfer Conductance
gfs
-
20
-
S
VDS=5V, ID=5A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage
Current
TJ=25°C
IDSS
-
-
1
mA
VDS=48V, VGS=0
TJ=55°C
-
-
5
V DS=48V, VGS=0
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
36
m
VGS=10V, ID=5A
-
-
45
VGS=4.5V, ID=2.5A
Total Gate Charge
Qg
-
12.56
-
nC
ID=5A
VDS=48V
VGS=4.5V
Gate-Source Charge
Qgs
-
3.24
-
Gate-Drain Change
Qgd
-
6.31
-
Turn-on Delay Time
Td(on)
-
8
-
nS
VDD=30V
ID=5A
VGS=10V
RG=3.3
RL=6
Rise Time
Tr
-
14.2
-
Turn-off Delay Time
Td(off)
-
24.4
-
Fall Time
Tf
-
4.6
-
Input Capacitance
Ciss
-
1345
-
pF
VGS=0
VDS=25V
f=1MHz
Output Capacitance
Coss
-
72.5
-
Reverse Transfer Capacitance
Crss
-
54.4
-
Source-Drain Diode
Continuous Source Current
1
IS
-
5
-
A
Pulsed Source Current
3
ISM
-
14
-
Diode Forward Voltage
4
VSD
-
-
1.2
V
IS=1.6A, VGS=0
Notes:
1.
Surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.
When mounted on Min. copper pad.
3.
The power dissipation is limited by 150°C juncti on temperature.
4.
The data tested by pulsed, pulse width≦300us, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com