Electronic Components Datasheet Search
  English  ▼

X  

SSG4503J-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4503J-C
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4503J-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4503J-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4503J-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4503J-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4503J-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSG4503J-C
N-Ch: 6.9A, 30V, RDS(ON) 28m
P-Ch: -6.3A, -30V, RDS(ON) 36m
N & P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
31-Oct-2017 Rev. C
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Advanced Power MOSFETs provide the designers with
the best combination of fast switching, ruggedized device
design, low on-resistance and cost-effectiveness.
SOP-8 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
FEATURES
Low RDS(ON) Provides Higher Efficiency and
Longer Battery Life
Low Thermal Impedance Copper Lead Frame
Fast Switching Speed
High Performance Trench Technology
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
4K
13 inch
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
N-CH
P-CH
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
TA=25°C
ID
6.9
-6.3
A
TA=70°C
5.5
-5
A
Pulsed Drain Current
2
IDM
20
-20
A
Total Power Dissipation
PD
1.4
W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Thermal Resistance Ratings
Thermal Resistance from Junction-Ambient
RθJA
89
°C/W
Part Number
Type
SSG4503J-C
Lead (Pb)-free and Halogen-free
SOP-8
Q4503
.
Date Code
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.79
6.20
H
0.33
0.51
B
4.70
5.11
J
0.375 REF.
C
3.80
4.00
K
45°REF.
D
0°
8°
L
1.3
1.752
E
0.40
1.27
M
0
0.25
F
0.10
0.25
N
0.25 REF.
G
1.27 TYP.


Similar Part No. - SSG4503J-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4503J SECOS-SSG4503J Datasheet
411Kb / 5P
N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4503J-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com