Electronic Components Datasheet Search
  English  ▼

X  

TP65H050WS Datasheet(PDF) 4 Page - Transphorm Inc

Part # TP65H050WS
Description  650V Cascode GaN FET in TO-247
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSPHORM [Transphorm Inc]
Direct Link  https://www.transphormusa.com/en/
Logo TRANSPHORM - Transphorm Inc

TP65H050WS Datasheet(HTML) 4 Page - Transphorm Inc

  TP65H050WS Datasheet HTML 1Page - Transphorm Inc TP65H050WS Datasheet HTML 2Page - Transphorm Inc TP65H050WS Datasheet HTML 3Page - Transphorm Inc TP65H050WS Datasheet HTML 4Page - Transphorm Inc TP65H050WS Datasheet HTML 5Page - Transphorm Inc TP65H050WS Datasheet HTML 6Page - Transphorm Inc TP65H050WS Datasheet HTML 7Page - Transphorm Inc TP65H050WS Datasheet HTML 8Page - Transphorm Inc TP65H050WS Datasheet HTML 9Page - Transphorm Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
June 13, 2018
transphormusa.com
tp65h050ws.1
4
TP65H050WS
Electrical Parameters (TJ=25°C unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Forward Device Characteristics
V(BL)DSS
Drain-source voltage
650
—
—
V
VGS=0V
VGS(th)
Gate threshold voltage
3.3
4
4.8
V
VDS=VGS, ID=0.7mA
ΔVGS(th)/TJ
Gate threshold voltage temperature
coefficient
—
-6.2
—
mV/°C
RDS(on)eff
Drain-source on-resistance a
—
50
60
mΩ
VGS=10V, ID=22A
—
103
—
VGS=10V, ID=22A, TJ=150°C
IDSS
Drain-to-source leakage current
—
2.5
25
µA
VDS=650V, VGS=0V
—
10
—
VDS=650V, VGS=0V, TJ=150°C
IGSS
Gate-to-source forward leakage current
—
—
100
nA
VGS=20V
—
—
-100
VGS=-20V
CISS
Input capacitance
—
1000
—
pF
VGS=0V, VDS=400V, f=1MHz
COSS
Output capacitance
—
130
—
CRSS
Reverse transfer capacitance
—
8
—
CO(er)
Output capacitance, energy related b
—
190
—
pF
VGS=0V, VDS=0V to 400V
CO(tr)
Output capacitance, time related c
—
310
—
QG
Total gate charge
—
16
24
nC
VDS=400V, VGS=0V to 10V,
ID=22A
QGS
Gate-source charge
—
6
—
QGD
Gate-drain charge
—
5
—
QOSS
Output charge
—
124
—
nC
VGS=0V, VDS=0V to 400V
tD(on)
Turn-on delay
—
51
—
ns
VDS=400V, VGS=0V to 12V,
ID=22A, RG = 40Ω
tR
Rise time
—
11
—
tD(off)
Turn-off delay
—
86
—
tF
Fall time
—
11
—
Notes:
a.
Dynamic on-resistance; see Figures 17 and 18 for test circuit and conditions
b.
Equivalent capacitance to give same stored energy as VDS rises from 0V to 400V
c.
Equivalent capacitance to give same charging time as VDS rises from 0V to 400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com