Electronic Components Datasheet Search
  English  ▼

X  

F2867 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # F2867
Description  VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2867 Datasheet(HTML) 6 Page - Unisonic Technologies

  F2867 Datasheet HTML 1Page - Unisonic Technologies F2867 Datasheet HTML 2Page - Unisonic Technologies F2867 Datasheet HTML 3Page - Unisonic Technologies F2867 Datasheet HTML 4Page - Unisonic Technologies F2867 Datasheet HTML 5Page - Unisonic Technologies F2867 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
F2867
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
6 of 6
www.unisonic.com.tw
QW-R109-038.C
T Y PI CAL APPLI CAT I ON CI RCU I T (Cont .)
Notes: *5. CPWM pin
Pin to connect the capacitor for generation of the PWM basic frequency
The use of CP=220pF causes oscillation at f=30kHz, which is the basic frequency of PWM.
As this is used also for the current limiting canceling signal, be sure to connect the capacitor even when
the speed control is not made.
*6. RMI pin
Minimum speed setting pin.
Perform pull-up with 5VREG when this pin is not to be used.
If the IC power supply is likely to be turned OFF first when the pin is used with external power supply, be
sure to insert the current limiting resistor to prevent inflow of large current. (The same applies to the VTH
pin.)
*7. VTH pin
Speed control pin.
Connect this pin to GND when it is not used (at full speed).
For the control method, refer to the timing chart.
For control with pulse input, insert the current limiting resistor and use the pin with the frequency of
20k~100kHz (20kHz~50kHz recommended).
*8. SENSE pin
Current limiting detection pin.
When the pin voltage exceeds 0.2V, the current is limited and the operation enters the lower regeneration
mode.
Connect this pin to GND when it is not to be used.
*9. FG pin
Rotation speed detection pin.
This is an open collector output, which can detect the rotation speed from the FG output according to the
phase changeover.
Keep this pin open when it is not to be used.
*10. CT pin
Pin to connect the lock detection capacitor.
The constant-current charge and discharge circuits incorporated cause locking when the pin voltage
becomes 3.0V and unlocking when it is 1.1V. Connect the pin to GND when it is not to be used (locking
not necessary).
*11. S-S pin
Pin to connect the soft-start setting capacitor.
Connect the capacitor between 5VREG and S-S pin.
This pin enables setting of the soft start time according to the capacity of the capacitor.
See the timing char.
Connect the pin to GND when it is not to be used.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein .
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com