Electronic Components Datasheet Search
  English  ▼

X  

F2967 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # F2967
Description  FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F2967 Datasheet(HTML) 2 Page - Unisonic Technologies

  F2967 Datasheet HTML 1Page - Unisonic Technologies F2967 Datasheet HTML 2Page - Unisonic Technologies F2967 Datasheet HTML 3Page - Unisonic Technologies F2967 Datasheet HTML 4Page - Unisonic Technologies F2967 Datasheet HTML 5Page - Unisonic Technologies F2967 Datasheet HTML 6Page - Unisonic Technologies F2967 Datasheet HTML 7Page - Unisonic Technologies F2967 Datasheet HTML 8Page - Unisonic Technologies F2967 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
F2967
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 9
www.unisonic.com.tw
QW-R109-036.D
PI N CON FI GU RAT I ON
OUT2P
OUT2N
VCC
VLIM
SENSE
RMI
VTH
CPWM
FG
RD 10
9
8
7
6
5
4
3
2
1OUT1P
OUT1N
VOVER
SGND
6VREG
ROFF
CT
IN+
HB
IN-
20
19
18
17
16
15
14
13
12
11
UTC
F2967
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
OUT2P
Output2P
2
OUT2N
Output2N
3
VCC
Power supply
4
VLIM
Setting limit current pin
5
SENSE
Sense pin of current limiter
6
RMI
Lowest speed setting voltage
7
VTH
Variable speed function input
8
CPWM
PWM oscillator frequency setting capacitor
9
FG
Speed detection output
10
RD
lock detection output
11
IN-
The hall sensor input
12
HB
Power the hall sensor 1.25V
13
IN+
The hall sensor input
14
CT
Setting lock protection time
15
ROFF
The pin sets soft switching time
16
6VREG
VREF 6V
17
SGND
Logic GND
18
VOVER
The pin for constant VCC voltage
19
OUT1N
Output2P
20
OUT1P
Output2N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com