Electronic Components Datasheet Search
  English  ▼

X  

5N06 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 5N06
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

5N06 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  5N06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 5N06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 5N06 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 5N06 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSPR5 06-C
5A, 60V, RDS(O ) 90m
-Channel Enhancement Mode Power MOSFET
19-Oct-2018 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
60
-
-
V
VGS=0, ID=250µA
Gate Threshold Voltage
VGS(th)
1
-
2.5
V
VDS=VGS, ID=250µA
Forward Transconductance
gfs
-
13
-
S
VDS=5V, ID=2A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
TJ=25°C
-
-
1
VDS=48V, VGS=0
Drain-Source Leakage
Current
TJ=55°C
IDSS
-
-
5
µA
VDS=48V, VGS=0
-
-
90
VGS=10V, ID=3A
Static Drain-Source On-Resistance
4
RDS(ON)
-
-
100
m
VGS=4.5V, ID=2A
Total Gate Charge
Qg
-
5
-
Gate-Source Charge
Qgs
-
1.68
-
Gate-Drain (“Miller”) Change
Qgd
-
1.9
-
nC
ID=2A
VDS=48V
VGS=4.5V
Turn-on Delay Time
Td(on)
-
1.6
-
Rise Time
Tr
-
7.2
-
Turn-off Delay Time
Td(off)
-
25
-
Fall Time
Tf
-
14.4
-
nS
VDD=30V
ID=2A
VGS=10V
RG=3.3
Input Capacitance
Ciss
-
511
-
Output Capacitance
Coss
-
38
-
Reverse Transfer Capacitance
Crss
-
25
-
pF
VGS=0
VDS=15V
f=1MHz
Source-Drain Diode
Continuous Source Current
1
IS
-
-
5
A
Pulsed Source Current
3
ISM
-
-
12
A
Diode Forward Voltage
4
VSD
-
-
1.2
V
IS=1A, VGS=0
Reverse Recovery Time
trr
-
9.7
-
nS
Reverse Recovery Charge
Qrr
-
5.8
-
nC
IF=2A, dI/dt=100A/µs
TJ=25°C
Notes:
1.
Surface mounted on 1”x1” FR-4 board with 2OZ copper.
2.
When mounted on Min. Copper pad.
3.
Pulse width limited by maximum junction temperature, pulse width≦300µs, duty cycle≦2%.
4.
The data tested by pulsed, pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com