Electronic Components Datasheet Search
  English  ▼

X  

SST6318-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SST6318-C
Description  Dual N-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST6318-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SST6318-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST6318-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST6318-C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SST6318-C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SST6318-C
0.35A, 60V, RDS(ON) 1.6
Ω
Dual N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
05-Oct-2018 Rev. B
Page 2 of 4
ELECTRICAL CHARACTERISTICS (T
J=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
60
-
-
V
VGS=0, ID=250
µA
Gate Threshold Voltage
VGS(th)
0.5
-
1.5
V
VDS=VGS, ID=250
µA
Forward Transconductance
gfs
-
0.36
-
S
VDS=10V, ID=220mA
Gate-Source Leakage Current
IGSS
-
-
±10
µA
VGS= ±20V
Drain-Source Leakage
Current
TJ=25°C
IDSS
-
-
1
µA
VDS=48V, VGS=0
TJ=55°C
-
-
5
V DS=48V, VGS=0
Static Drain-Source On-Resistance 4
RDS(ON)
-
-
1.6
VGS=10V, ID=220mA
-
-
2
VGS=4.5V, ID=220mA
-
-
4.5
VGS=2.5V, ID=120mA
Forward on Voltage 4
VSD
-
-
1.2
V
VGS=0, IS=350mA, TJ=25°C
Total Gate Charge
Qg
-
0.76
-
nC
ID=250mA
VDS=30V
VGS=4.5V
Gate-Source Charge
Qgs
-
0.085
-
Gate-Drain Charge
Qgd
-
0.26
-
Turn-on Delay Time
Td(on)
-
3
-
nS
VDD=30V
ID=200mA
VGS=10V
RG=6
Rise Time
Tr
-
5
-
Turn-off Delay Time
Td(off)
-
14
-
Fall Time
Tf
-
9
-
Input Capacitance
Ciss
-
29
-
pF
VGS=0
VDS=25V
f=1MHz
Output Capacitance
Coss
-
4
-
Reverse Transfer Capacitance
Crss
-
2.8
-
Notes:
1.
Surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.
Surface mounted on FR4 Board using the minimum recommended pad size.
3.
Pulse width limited by maximum junction temperature, Pulse Width≦300
µs, Duty Cycle≦2%.
4.
The data tested by pulsed, pulse width≦300µs, duty cycle≦2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com