Electronic Components Datasheet Search
  English  ▼

X  

AXE238 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE238
Description  Ultra-Low Noise SPXO in Vibration-isolated Package for very high random vibration levels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE238 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE238 Datasheet HTML 1Page - Advanced XTAL Products AXE238 Datasheet HTML 2Page - Advanced XTAL Products AXE238 Datasheet HTML 3Page - Advanced XTAL Products AXE238 Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXE238 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE238
Rev.: 1
Date: 2018-10-26
Oscillator type:
Ultra-Low Noise SPXO in Vibration-isolated Package
for very high random vibration levels
Parameter
min.
typ.
max. Unit
Condition
Frequency range
50
130
MHz
Standard frequencies
100.000 / 120.000
MHz
Frequency stability
Overall stability (Note 2)
±80
ppm
vs. operating temperature range
±30
ppm
vs. supply voltage variation
±1
ppm
VS ±5%
Long term (aging) per day
±0.01
ppm
after 30 days operation
Long term (aging) per year
±0.5
ppm
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
N.A.
RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+10
dBm
Harmonics
-30
dBc
Spurious at rest
-90
dBc
Phase noise at rest @ 100 MHz
-100
-130
-160
-170
-175
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ ≥100 kHz
Phase noise @ 100 MHz
under random vibration
with 0.1 g²/Hz, 20 ~ 2000 Hz
(Note 3)
-95
-90
-142
-145
-85
-80
-138
-140
-170
-175
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 2 kHz
@ 10 kHz
@ ≥100 kHz
Start-up time (Note 4)
20
ms
Supply voltage VS
11.4
12.0
12.6
V
Current consumption
50
mA
Operating temperature range
-40
+85
°C
Enclosure (see drawing) (LxWxH)
38x38x19 max.
mm
Enclosure drawing number
AXZ10.01119.02
Weight
150
g
Notes:
1.
Terminology and test conditions according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Allows for any and all degrading contributions, including initial tolerance, temperature stability, supply
and load change and aging
3.
For other vibration profiles please consult factory. For lower PSD level of 0.01 g²/Hz, 20 ~ 2000 Hz the
phase noise under vibration will be 10 dB better.
4.
Oscillator is within specification limits


Similar Part No. - AXE238

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE20 AXTAL-AXE20 Datasheet
52Kb / 2P
Crystal Oscillator, low jitter, in double-sealed DIL14 package (crystal resonator in hermetically sealed UM-1/HC-52/U)
2005-06-20
AXE25 AXTAL-AXE25 Datasheet
102Kb / 3P
Crystal Oscillator (SPXO) in double-sealed DIL14 package
2014-04-04
More results

Similar Description - AXE238

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH39GM2 ETC1-KH39GM2 Datasheet
155Kb / 2P
HIGH TORQUE, LOW VIBRATION AND LOW NOISE
logo
EUROQUARTZ limited
CX3HGSMAT EUROQUARTZ-CX3HGSMAT Datasheet
124Kb / 1P
Very high shock and vibration survival
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
logo
BOWEI Integrated Circui...
OXK581 BOWEI-OXK581 Datasheet
470Kb / 4P
Low phase noise,Anti-vibration OCXO
OXK40 BOWEI-OXK40 Datasheet
123Kb / 1P
Low phase noise,Anti-vibration OCXO
logo
Advanced XTAL Products
AXIOM260 AXTAL-AXIOM260 Datasheet
181Kb / 4P
Low Phase Noise OCXO in Vibration-isolated Package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
logo
EUROQUARTZ limited
T1241 EUROQUARTZ-T1241 Datasheet
97Kb / 1P
Low Noise TCXO, Vibration Compensated
logo
Analog Devices
ADCMXL1021-1 AD-ADCMXL1021-1 Datasheet
776Kb / 42P
Wide Bandwidth, Low Noise, Vibration Sensor
11/2019-Revision 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com