Electronic Components Datasheet Search
  English  ▼

X  

AXGPS9000 Datasheet(PDF) 2 Page - Advanced XTAL Products

Part # AXGPS9000
Description  GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXGPS9000 Datasheet(HTML) 2 Page - Advanced XTAL Products

  AXGPS9000 Datasheet HTML 1Page - Advanced XTAL Products AXGPS9000 Datasheet HTML 2Page - Advanced XTAL Products AXGPS9000 Datasheet HTML 3Page - Advanced XTAL Products AXGPS9000 Datasheet HTML 4Page - Advanced XTAL Products AXGPS9000 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXGPS9000 Rev.2
www.axtal.com
Roemerring 9
Drawing D1
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max.
Unit
Condition
AC Supply voltage VS
100
230
240
V
IEC 60320-1 / C14
AC Supply input frequency
50
60
Hz
Power consumption
20
W
Operating temperature range
-10
+60
°C
Enclosure size (see drawing) (LxWxH)
483x250x44
mm
Color “black”
Drawing number
AXZ10.01121.01
RF Input Connectors (GPS & 1PPS IN)
SMA female
@ Rear plate
RF Output Connectors (10MHz/1PPS OUT)
BNC female
@ Rear plate
Communication Connector
9-Pin D-Sub male
with jack posts
@ Rear plate
Weight
3
kg
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other output frequency on request
3.
Other phase noise performance on request
4.
See user manual for AXGPS9000
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
AC Supply Voltage VS
90
260
V
AC Supply input frequency
47
63
Hz
AC Supply input current
2
A
Fuse accessible at rear
plate
Load RL
0
∞
Ω
No damage
Storage Temperature
-20
+70
°C
Ordering Code
Model
Option 1
[Phase noise]
Revision
Frequency [MHz]
AXGPS9000
Table 1
Rev.2
10.000
Example: AXGPS9000-LN_Rev.2 – 10.000 MHz
Phase Noise – Option 1:
Offset
10 MHz
Unit
LN
ULN
1 Hz
-95
-108
dBc/Hz
10 Hz
-125
-138
dBc/Hz
100 Hz
-145
-155
dBc/Hz
1 kHz
-150
-163
dBc/Hz
10 kHz
-150
-170
dBc/Hz
≥100 kHz
-150
-170
dBc/Hz
Table 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com