Electronic Components Datasheet Search
  English  ▼

X  

AXIOM70S Datasheet(PDF) 9 Page - Advanced XTAL Products

Part # AXIOM70S
Description  Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM70S Datasheet(HTML) 9 Page - Advanced XTAL Products

Back Button AXIOM70S Datasheet HTML 5Page - Advanced XTAL Products AXIOM70S Datasheet HTML 6Page - Advanced XTAL Products AXIOM70S Datasheet HTML 7Page - Advanced XTAL Products AXIOM70S Datasheet HTML 8Page - Advanced XTAL Products AXIOM70S Datasheet HTML 9Page - Advanced XTAL Products AXIOM70S Datasheet HTML 10Page - Advanced XTAL Products AXIOM70S Datasheet HTML 11Page - Advanced XTAL Products AXIOM70S Datasheet HTML 12Page - Advanced XTAL Products AXIOM70S Datasheet HTML 13Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM70SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 9(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
5.4 Group C inspection
Table 9 shows the Group C inspection procedure.
#
Test
Reference
1
Random Vibration
MIL-STD-202, Method 214, Condition G
2
Mechanical Shock
MIL-STD-202, Method 213, Condition C
3
Thermal Shock
MIL-STD-202, Method 107, Condition B-1
4
High Temperature Storage
Detail specification
5
Electrical measurements at room temperature (Final)
IEC 60679-1 (see Table 1)
6
Seal Test – Gross Leak
MIL-STD-202, Method 112, Condition D
7
External Visual Inspection
ESCC20500 / MIL-STD-883 Method 2009
Table 9 – Group C inspection procedure
Notes:
1.
Group C inspected LAT parts are end of life and shall not be used as flight models
Table 10 shows the detailed test conditions for each step in table 9.
#
Test
Test Condition
1
Random Vibration
50~100 Hz +6 dB/Oct, 100~1000 Hz 0.4 g²/Hz, 1~2 kHz -6 dB/Oct
RMS = 23.9 g, 3 minutes per axis
2
Mechanical Shock
100 g, 6 ms, half sine, 3 shocks per axis
3
Thermal Shock
-55 to +125°C, 25 cycles, max. 5 minutes transfer time,
15 minutes dwell time
4
High Temperature Storage
24 hours at +85°C, min. 2 hours at Tamb
5
Electrical measurements at
room temperature (Final)
@ Tamb = 25°C±3°C (unless otherwise stated)
Table 11
6
Seal Test – Gross Leak
No bubbles allowed
7
External Visual Inspection
ESCC20500 / MIL-STD-883 Method 2009
Table 10 – Detailed test conditions for Group C inspection procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com