Electronic Components Datasheet Search
  English  ▼

X  

AXIOM114 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIOM114
Description  Miniature High Stability SMD OCXO in 9x14 mm Package Hermetically-sealed and Stratum 3E compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM114 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIOM114 Datasheet HTML 1Page - Advanced XTAL Products AXIOM114 Datasheet HTML 2Page - Advanced XTAL Products AXIOM114 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXIOM114 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM114
Rev.: 1
Date: 2018-11-06
Oscillator type:
Miniature High Stability SMD OCXO in 9x14 mm Package
Hermetically-sealed and Stratum 3E compliant
Parameter
min.
typ.
max. Unit
Condition
Frequency range
10
40
MHz
Frequency stability
Overall stability (Note 2)
±600
ppb
Initial tolerance
±200
ppb
15 mins warm-up @ +25°C
Initial tolerance after reflow (Note 3)
±400
ppb
15 mins warm-up @ +25°C
vs. operating temperature range
±5
ppb
ref. to +25°C
vs. supply voltage variation (pushing)
±1
ppb
VS ±5%
vs. load change (pulling)
±1
ppb
Load ±10%
Retrace
±50
ppb
24 hrs ON/24hrs OFF/1hr ON
Holdover drift (24 hrs) @ +25°C±1°C
±2
ppb
after 30 days operation
Long term (aging) per day
±1
ppb
after 30 days operation
Long term (aging) 1st year
±100
ppb
after 30 days operation
Long term (aging) 10 years
±400
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
N.A.
RF output
Signal waveform
LVCMOS
Load
15
pF
±10%
Symmetry (duty cycle)
45
55
%
@ VS/2
Rise & decay time
5
ns
@ 10% ~ 90% VS
Spurious
-70
dBc
Phase noise
-75
-105
-130
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 1 Hz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
Warm-up time @ +25°C
5
min
∆ffinal/f0 < ±0.1 ppm
Start-up time
100
ms
Short-term stability (Allan deviation)
5·10-11
τ = 1 s / still air
Supply voltage VS
3.15
3.3
3.45
V
Current consumption (steady state)
300
mA
@ +25°C
Current consumption (warm-up)
750
mA
Operating temperature range
-40
+85
°C
Enclosure (see drawing) (LxWxH)
15.4x10.6x8.2 max.
mm
Weight
5
g
Moisture Sensitivity Level
MSL1
Packing
Tape & Reel
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Overall stability includes initial tolerance, temperature stability, pushing, pulling and 10 years aging
3.
Measured 48 hours after reflow


Similar Part No. - AXIOM114

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
OCXO in SMD package
2005-07-15
AXIOM10-23 AXTAL-AXIOM10-23 Datasheet
100Kb / 2P
High Stability SMD OCXO with HCMOS Output
2014-07-09
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
High-performance OCXO in SMD package
2008-04-01
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
OCXO in SMD package for Stratum III and Stratum IIIe
2005-07-15
More results

Similar Description - AXIOM114

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM10S AXTAL-AXIOM10S Datasheet
53Kb / 2P
OCXO in SMD package for Stratum III and Stratum IIIe
2005-07-15
AXIOM20S AXTAL-AXIOM20S Datasheet
57Kb / 2P
OCXO in DIL14 package with Stratum III stability
2008-04-04
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
OCXO Miniature size with Stratum 3E stability
2005-07-15
AXIOM40S AXTAL-AXIOM40S Datasheet
53Kb / 2P
OCXO with Stratum 3E stabilitiy
2005-07-15
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
1180026-XXX CTS-1180026-XXX Datasheet
145Kb / 4P
20.000 MHz OCXO Stratum 3E
logo
Connor-Winfield Corpora...
ABOF5S3E CONNOR-WINFIELD-ABOF5S3E Datasheet
188Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
OFC5EF3AB CONNOR-WINFIELD-OFC5EF3AB Datasheet
133Kb / 2P
STRATUM 3E HCMOS OCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com