Electronic Components Datasheet Search
  English  ▼

X  

1662175 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1662175
Description  Adapter plate - HC-B 24-ADP-3RST-GY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1662175 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1662175 Datasheet HTML 1Page - PHOENIX CONTACT 1662175 Datasheet HTML 2Page - PHOENIX CONTACT 1662175 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1662175
12/13/13   Page 1 / 3
Adapter plate - HC-B 24-ADP-3RST-GY - 1662175
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Adapter plates with a reinforced wall, three openings for an M23 circular connector; type B24 on an M23 circular
connector; for panel cutouts of type B24; gray
Key commercial data
Packing unit
1 PCE
GTIN
Weight per Piece (excluding packing)
37.9 GRM
Custom tariff number
85472000
Country of origin
Germany
Technical data
Dimensions
Length
150 mm
Height
52 mm
Hole diameter
4.5 mm
Width
2 mm
Drill hole distance, horizontal
130 mm
Drill hole distance, vertical
32 mm
Internal cutout dimension
3 x 21 mm
General
Note
For wall cutouts of type B24
Material
PA
Inflammability class according to UL 94
HB
Color
light gray


Similar Part No. - 1662175

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1662133 PHOENIX-1662133 Datasheet
44Kb / 1P
Cable gland - SAB-CG/PG 9
12/07/2018
1662159 PHOENIX-1662159 Datasheet
54Kb / 3P
Adapter plate - HC-B 24-ADP-3D 7-OG
1662166 PHOENIX-1662166 Datasheet
177Kb / 3P
CLIPX ENGINEER ASSEMBLE - Software add-on
1662188 PHOENIX-1662188 Datasheet
53Kb / 3P
Adapter plate - HC-B 24-ADP-3RST-GN
1662199 PHOENIX-1662199 Datasheet
189Kb / 5P
UNIFOX-MP 7-1 VDE - Multifunctional tool
More results

Similar Description - 1662175

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1661448 PHOENIX-1661448 Datasheet
57Kb / 3P
Adapter plate - HC-B 24-ADP-3D 7-GY
1661668 PHOENIX-1661668 Datasheet
53Kb / 3P
Adapter plate - HC-B 24-ADP-3RST-OG
1662188 PHOENIX-1662188 Datasheet
53Kb / 3P
Adapter plate - HC-B 24-ADP-3RST-GN
1774995 PHOENIX-1774995 Datasheet
85Kb / 3P
Adapter plate - HC-B 24-ADP-B 16-OG
1775431 PHOENIX-1775431 Datasheet
85Kb / 3P
Adapter plate - HC-B 24-ADP-B 10-OG
1775444 PHOENIX-1775444 Datasheet
85Kb / 3P
Adapter plate - HC-B 24-ADP-B 6-OG
1885855 PHOENIX-1885855 Datasheet
60Kb / 3P
Adapter plate - HC-B 24-ADP-VC-C1
1885868 PHOENIX-1885868 Datasheet
61Kb / 3P
Adapter plate - HC-B 24-ADP-VC-C2
1885871 PHOENIX-1885871 Datasheet
61Kb / 3P
Adapter plate - HC-B 24-ADP-VC-C3
1885884 PHOENIX-1885884 Datasheet
61Kb / 3P
Adapter plate - HC-B 24-ADP-VC-C4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com