Electronic Components Datasheet Search
  English  ▼

X  

PAM2301 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PAM2301
Description  STEP-DOWN DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2301 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PAM2301 Datasheet HTML 5Page - Diodes Incorporated PAM2301 Datasheet HTML 6Page - Diodes Incorporated PAM2301 Datasheet HTML 7Page - Diodes Incorporated PAM2301 Datasheet HTML 8Page - Diodes Incorporated PAM2301 Datasheet HTML 9Page - Diodes Incorporated PAM2301 Datasheet HTML 10Page - Diodes Incorporated PAM2301 Datasheet HTML 11Page - Diodes Incorporated PAM2301 Datasheet HTML 12Page - Diodes Incorporated PAM2301 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PAM2301
Document number: DS36384 Rev. 3 - 2
11 of 13
www.diodes.com
February 2018
© Diodes Incorporated
PAM2301
Ordering Information
PAM2301 X X X X XXX
Pin Configuration
B: 5
Number of Pins
Output Current
C: 800mA
A: Type
1. EN
2. GND
3. SW
4. VIN
5. VOUT/FB
Package Type
A: TSOT25
Output Voltage
330: 3.3V
280: 2.8V
250: 2.5V
180: 1.8V
150: 1.5V
120: 1.2V
ADJ: Adj
Part Number
Output Voltage
(V)
Part Mark
Package
(Note 5)
7’’ Tape & Reel
Quantity
Status
(Note 4)
PAM2301CAAB330
3.3
BAKYW
TSOT25
3000
In production
PAM2301CAAB120
1.2
BABYW
TSOT25
3000
In production
PAM2301CAABADJ
ADJ
BAAYW
TSOT25
3000
In production
Notes:
4. Variants with output voltage of 1.5V, 1.8V, 2.5V and 2.8V are End of Life with no replacement.
5.
For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
TSOT25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com