Electronic Components Datasheet Search
  English  ▼

X  

PAM2306 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2306
Description  DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2306 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2306 Datasheet HTML 1Page - Diodes Incorporated PAM2306 Datasheet HTML 2Page - Diodes Incorporated PAM2306 Datasheet HTML 3Page - Diodes Incorporated PAM2306 Datasheet HTML 4Page - Diodes Incorporated PAM2306 Datasheet HTML 5Page - Diodes Incorporated PAM2306 Datasheet HTML 6Page - Diodes Incorporated PAM2306 Datasheet HTML 7Page - Diodes Incorporated PAM2306 Datasheet HTML 8Page - Diodes Incorporated PAM2306 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PAM2306
Document number: DS36392 Rev. 1 - 2
2 of 15
www.diodes.com
November 2012
© Diodes Incorporated
PAM2306
A Product Line of
Diodes Incorporated
Typical Applications Circuit
VOUT = 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.3V
Figure 2. Fixed Voltage Regulator
Pin Descriptions
Pin Number
Pin Name
WDFN3x3-12L
Function
1
VIN2
Power Input of Channel 2.
2
LX2
Pin for Switching of Channel 2.
3, 9
Exposed Pad
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND for maximum
power dissipation.
4
FB1
Feedback of Channel 1.
5, 11
NC1, NC2
No Connection
6
EN1
Chip Enable of Channel 1 (Active High). VEN1 ≤ VIN1.
7
VIN1
Power Input of Channel 1.
8
LX1
Pin for Switching of Channel 1.
10
FB2
Feedback of Channel 2.
12
EN2
Chip Enable of Channel 2 (Active High). VEN2 ≤ VIN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com