Electronic Components Datasheet Search
  English  ▼

X  

PAM2308 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2308
Description  DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2308 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2308 Datasheet HTML 1Page - Diodes Incorporated PAM2308 Datasheet HTML 2Page - Diodes Incorporated PAM2308 Datasheet HTML 3Page - Diodes Incorporated PAM2308 Datasheet HTML 4Page - Diodes Incorporated PAM2308 Datasheet HTML 5Page - Diodes Incorporated PAM2308 Datasheet HTML 6Page - Diodes Incorporated PAM2308 Datasheet HTML 7Page - Diodes Incorporated PAM2308 Datasheet HTML 8Page - Diodes Incorporated PAM2308 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PAM2308
Document number: DSxxxxx Rev. 1 - 1
2 of 15
www.diodes.com
January 2013
© Diodes Incorporated
PAM2308
A Product Line of
Diodes Incorporated
Typical Applications Circuit (cont.)
VOUTx = 1.2V, 1.5V, 1.8V, 2.5V, 2.8V or 3.3V
Figure 2. Fixed Voltage Regulator
Pin Descriptions
Pin
Name
Pin
Number
Function
EN1
1
Chip Enable of Channel 1(Active High). VEN1 ≤ VIN1.
FB1
2
Feedback of Channel 1.
VIN2
3
Power Input of Channel 2.
GND
4, 9
Ground. The exposed pad must be soldered to a large PCB and connected to GND for maximum power
dissipation.
LX2
5
Pin for Switching of Channel 2.
EN2
6
Chip Enable of Channel 2 (Active High).VEN2 ≤ VIN2.
FB2
7
Feedback of Channel 2.
VIN1
8
Power Input of Channel 1.
LX1
10
Pin for Switching of Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com