Electronic Components Datasheet Search
  English  ▼

X  

PAM2310 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM2310
Description  2A LOW NOISE STEP-DOWN DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2310 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM2310 Datasheet HTML 1Page - Diodes Incorporated PAM2310 Datasheet HTML 2Page - Diodes Incorporated PAM2310 Datasheet HTML 3Page - Diodes Incorporated PAM2310 Datasheet HTML 4Page - Diodes Incorporated PAM2310 Datasheet HTML 5Page - Diodes Incorporated PAM2310 Datasheet HTML 6Page - Diodes Incorporated PAM2310 Datasheet HTML 7Page - Diodes Incorporated PAM2310 Datasheet HTML 8Page - Diodes Incorporated PAM2310 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAM2310
Document number: DS36397 Rev. 2 - 2
3 of 11
www.diodes.com
February 2018
© Diodes Incorporated
PAM2310
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Voltage VIN
6
V
SW Pin Voltage
-0.3 to (VIN +0.3)
V
FB Pin Voltage
-0.3 to (VIN +0.3)
V
EN Pin Voltage
-0.3 to 6.0
V
Maximum Junction Temperature
+150
°C
Storage Temperature Range
-65 to +150
°C
Soldering Temperature
+300, 5s
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage
2.7 to 5.5
V
Junction Temperature Range
-40 to +125
°C
Ambient Temperature Range
-40 to +85
Thermal Information
Symbol
Parameter
Package
Max
Unit
θJA
Thermal Resistance (Junction to Ambient)
SO-8EP
90
°C/W
θJC
Thermal Resistance (Junction to Case)
SO-8EP
11
PD
Internal Power Dissipation (@ TA = +25°C)
SO-8EP
1100
mW
Electrical Characteristics (@TA = +25°C, VIN = 5.0V, VO = 1.8V, CIN = 22µF, CO = 22µF, L = 2.2µH, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
-
2.7
-
5.5
V
VO
Output Voltage Range
-
0.6
-
VIN
V
VO
Regulated Output Voltage Accuracy
IO = 0 to 2A, VIN = 2.7 to 5.5V
-2
-
+2
%
VFB
Regulated Feedback Voltage
-
0.588
0.600
0.612
V
IFB
FB Leakage Current
VO =1V
-
-
0.2
µA
LNR
Output Voltage Line Regulation
VIN = 2.7V to 5V
-
0.2
-
%/V
LDR
Output Voltage Load Regulation
IO = 0A to 2A
-
0.5
-
%/A
IQ
Quiescent Current
No Load
-
42
90
µA
ISD
Shutdown Current
VEN = 0V
-
-
1
µA
ILIM
Peak Inductor Current
-
3
-
-
A
fOSC
Oscillator Frequency
-
-
1.5
1.8
MHz
RDS(ON)
Drain-Source On-State Resistance
ISW = 100mA
High Side
-
90
-
Ω
Low Side
-
70
-
Ω
tS
Start-Up Time
From Enable to Output Regulation
-
0.5
3
ms
VEH
EN Threshold High
-
1.5
-
-
V
VEL
EN Threshold Low
-
-
-
0.3
V
IEN
EN Leakage Current
VIN = VEN = 0V
-1.0
-
+1.0
µA
OTP
Over Temperature Protection
-
-
+150
-
°C
OTH
OTP Hysteresis
-
-
+30
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com