Electronic Components Datasheet Search
  English  ▼

X  

PAM2316 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM2316
Description  2.5MHz, FAST TRANSIENT 2A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2316 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM2316 Datasheet HTML 1Page - Diodes Incorporated PAM2316 Datasheet HTML 2Page - Diodes Incorporated PAM2316 Datasheet HTML 3Page - Diodes Incorporated PAM2316 Datasheet HTML 4Page - Diodes Incorporated PAM2316 Datasheet HTML 5Page - Diodes Incorporated PAM2316 Datasheet HTML 6Page - Diodes Incorporated PAM2316 Datasheet HTML 7Page - Diodes Incorporated PAM2316 Datasheet HTML 8Page - Diodes Incorporated PAM2316 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PAM2316
Document number: DSxxxxx Rev. 1 - 1
5 of 11
www.diodes.com
November 2012
© Diodes Incorporated
PAM2316
A Product Line of
Diodes Incorporated
Typical Performance Characteristics (@TA = +25°C, CIN = 22*2µF, CO = 22µF, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com