Electronic Components Datasheet Search
  English  ▼

X  

PAM2325 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM2325
Description  FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2325 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM2325 Datasheet HTML 1Page - Diodes Incorporated PAM2325 Datasheet HTML 2Page - Diodes Incorporated PAM2325 Datasheet HTML 3Page - Diodes Incorporated PAM2325 Datasheet HTML 4Page - Diodes Incorporated PAM2325 Datasheet HTML 5Page - Diodes Incorporated PAM2325 Datasheet HTML 6Page - Diodes Incorporated PAM2325 Datasheet HTML 7Page - Diodes Incorporated PAM2325 Datasheet HTML 8Page - Diodes Incorporated PAM2325 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM2325
Document number: DSxxxxx Rev. 2 - 0
2 of 12
www.diodes.com
January 2013
© Diodes Incorporated
PAM2325
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin
Number
Pin
Name
Function
1
PVIN
Supply Voltage to power FETs. PVIN is connected to VIN internally.
2, 11
SW
Switch Output. Pin 2 and 11 can be connected together.
3, 12
PGND
Power Ground. Pin 3 and 12 can be connected together.
4
AGND
Quiet ground for controller circuits
5
NC
Leave this pin open. Do not connect it to ground.
6
OUT
Input sense pin for output voltage
7
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin, sets the output voltage.
8
EN
On/Off Control.
9
PG
Power Good Indicator. The output of this pin is an open drain with internal pull up resistor to VIN. PG is pulled
up to VIN when the FB voltage is within 10% of the regulation level, otherwise it is LOW.
10
VIN
Supply Voltage to internal control circuitry. VIN is connected to PVIN internally.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com