Electronic Components Datasheet Search
  English  ▼

X  

54MT160KB Datasheet(PDF) 3 Page - International Rectifier

Part # 54MT160KB
Description  THREE PHASE AC SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

54MT160KB Datasheet(HTML) 3 Page - International Rectifier

  54MT160KB Datasheet HTML 1Page - International Rectifier 54MT160KB Datasheet HTML 2Page - International Rectifier 54MT160KB Datasheet HTML 3Page - International Rectifier 54MT160KB Datasheet HTML 4Page - International Rectifier 54MT160KB Datasheet HTML 5Page - International Rectifier 54MT160KB Datasheet HTML 6Page - International Rectifier 54MT160KB Datasheet HTML 7Page - International Rectifier 54MT160KB Datasheet HTML 8Page - International Rectifier 54MT160KB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
54-94-104MT..KB Series
3
Bulletin I27504 08/97
www.irf.com
Parameter
54MT.KB 94MT.KB 104MT.KB Units Conditions
V
INS
RMS isolation voltage
4000
V
T
J
= 25oC all terminal shorted
f = 50Hz, t = 1s
dv/dt
Max. critical rate of rise
500
V/µs
T
J
= T
J
max., linear to 0.67 V
DRM,
of off-state voltage (*)
gate open circuit
Blocking
(*) Available with dv/dt = 1000V/µs, to complete code add S90 i.e. 104MT160KBS90.
Triggering
Parameter
54MT.KB 94MT.KB 104MT.KB Units Conditions
P
GM
Max. peak gate power
10
W
T
J = TJ max.
P
G(AV)
Max. average gate power
2.5
I
GM
Max. peak gate current
2.5
A
-V
GT
Max. peak negative
10
V
gate voltage
V
GT
Max. required DC gate
4.0
V
TJ = - 40°C Anodesupply=6V,resistiveload
voltage to trigger
2.5
TJ = 25°C
1.7
TJ = 125°C
I
GT
Max. required DC gate
270
TJ = - 40°C Anodesupply=6V,resistiveload
current to trigger
150
mA
TJ = 25°C
80
TJ = 125°C
V
GD
Max. gate voltage
0.25
V
@ T
J
= T
J
max., ratedV
DRM
applied
that will not trigger
I
GD
Max. gate current
6
mA
that will not trigger
Thermal and Mechanical Specifications
Parameter
54MT.KB 94MT.KB 104MT.KB Units Conditions
T
J
Max. junction operating
-40 to 125
°C
temperature range
T
stg
Max. storage temperature
-40 to 125
°C
range
RthJC Max. thermal resistance,
0.52
0.39
0.34
K/W
DC operation per single AC switch
junction to case
1.05
0.77
0.69
DC operation per junction
0.56
0.40
0.36
180° Sine cond. angle per single AC switch
1.12
0.80
0.72
180° Sine cond. angle per junction
R
thCS
Max. thermal resistance,
0.03
K/W
Per module
case to heatsink
Mounting surface smooth, flat and greased
T
Mounting
to heatsink
4 to 6
Nm
torque ± 10%
to terminal
3 to 4
wt
Approximate weight
225
g
A mounting compound is recommended and the
torque should be rechecked after a period of 3
hours to allow for the spread of the compound.
Lubricated threads.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com