Electronic Components Datasheet Search
  English  ▼

X  

AXIS1000 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXIS1000
Description  UHF Low Phase Noise VCXO in connectorized package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIS1000 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXIS1000 Datasheet HTML 1Page - Advanced XTAL Products AXIS1000 Datasheet HTML 2Page - Advanced XTAL Products AXIS1000 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIS1000 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIS1000
Rev.: 1
Date: 2016-10-31
Oscillator type:
UHF Low Phase Noise VCXO in connectorized package
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
300
1300
MHz
Nominal frequencies
1000.000 / 1200.000
MHz
Frequency stability
ppm
Initial tolerance @ 25°C
±5
ppm
@ VC = 5 V
vs. operating temperature range
±50
ppm
(Note 2)
vs. supply voltage variation
±1
ppm
VS ±5%
vs. load change
±1
ppm
RL ±5%
Long term (aging) 1
st year
±2
ppm
@ +25°C
Long term (aging) following years
±1
ppm
@ +25°C, per year
Frequency adjustment range
Electronic frequency control (EFC)
±15
ppm
(Note 3)
EFC voltage VC
0
+5
+10
V
EFC slope (∆f / ∆VC)
Positive
EFC input impedance
100
kΩ
RF output
Signal waveform
Sine wave
Load
50
Ω
Output level
+7
+11
dBm
Harmonics
-50
-40
dBc
Sub-harmonics (multiples of fOUT/10)
-45
-40
dBc
(Note 4)
Spurious
-80
dBc
Phase noise @ 1000 MHz
-140
-145
-147
-135
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
@ 10 kHz
@ 100 kHz
@ 1 MHz
Supply voltage VS
11.4
12.0
12.6
V
(Note 5)
Current consumption (steady state)
60
mA
@ +25°C
Operating temperature range
-20
+70
°C
Enclosure (see drawing) (LxWxH)
54x40x19
mm
h = 2.0 mm
Weight
60
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stabilities on request
3.
Other tuning range and voltage on request
4.
Depending on frequency multiplication factor may be lower or higher than 10
5.
Other supply voltages on request
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Control Voltage VC
-0.5
+15
C
VC to GND
Storage Temperature
-55
+125
°C


Similar Part No. - AXIS1000

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
More results

Similar Description - AXIS1000

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 122799
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 120600
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
03/21/05
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
Ultra-Low Phase Noise VCXO
logo
Advanced XTAL Products
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIS50 AXTAL-AXIS50 Datasheet
101Kb / 3P
Low Phase Noise VHF/UHF VCXO (no PLL)
AXLE2000 AXTAL-AXLE2000 Datasheet
105Kb / 4P
SHF Low Phase Noise TCXO in Connectorized Package
AXIOM95LP AXTAL-AXIOM95LP Datasheet
129Kb / 5P
VHF OCXO in Low Profile Connectorized Package
AXIS90 AXTAL-AXIS90 Datasheet
103Kb / 3P
Wide-pull VHF/UHF VCXO in connectorized package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com