Electronic Components Datasheet Search
  English  ▼

X  

AXRB1031 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXRB1031
Description  Miniature Rubidium Oscillator in 50 x 50 mm Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXRB1031 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXRB1031 Datasheet HTML 1Page - Advanced XTAL Products AXRB1031 Datasheet HTML 2Page - Advanced XTAL Products AXRB1031 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AXRB1031 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXRB1031
Rev.: 2
Date: 2018-11-27
Oscillator type:
Miniature Rubidium Oscillator in 50 x 50 mm Package
Features:
Miniature Rubidium Oscillator
Compact 50 x 50 mm Package (OCXO compatible)
Low cost allows OCXO substitution
Low power consumption <6 W Steady-state
RS-232 Communication
Replacement for Microsemi SA.3Xm
Applications: UMTS, LTE, 5G, CDMA, WiMAX etc.
Equivalent to ELECSPN XHTF1031R
Ordering Code
Model
Revision
Frequency [MHz]
AXRB1031
Rev.2
10.000
Example: AXRB1031_Rev.2 – 10.000 MHz


Similar Part No. - AXRB1031

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
Very High Stability Rubidium Oscillator
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
High Stability Rubidium Oscillator
More results

Similar Description - AXRB1031

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0512HHB DELTA-AFB0512HHB Datasheet
358Kb / 2P
50 x 50 x 15 MM SERIES
logo
List of Unclassifed Man...
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
logo
IQD Frequency Products ...
IQRB-1 IQD-IQRB-1 Datasheet
283Kb / 2P
Rubidium Oscillator
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
Rubidium Oscillator
logo
Suntsu Electronics, Inc...
SRO10S SUNTSU-SRO10S Datasheet
189Kb / 2P
Rubidium Oscillator
SRO20S SUNTSU-SRO20S Datasheet
222Kb / 2P
Rubidium Oscillator
SRO30S SUNTSU-SRO30S Datasheet
209Kb / 2P
Rubidium Oscillator
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com