Electronic Components Datasheet Search
  English  ▼

X  

UTRS458 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTRS458
Description  TRANSCEIVERS WITH ESD-PROTECTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTRS458 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTRS458 Datasheet HTML 1Page - Unisonic Technologies UTRS458 Datasheet HTML 2Page - Unisonic Technologies UTRS458 Datasheet HTML 3Page - Unisonic Technologies UTRS458 Datasheet HTML 4Page - Unisonic Technologies UTRS458 Datasheet HTML 5Page - Unisonic Technologies UTRS458 Datasheet HTML 6Page - Unisonic Technologies UTRS458 Datasheet HTML 7Page - Unisonic Technologies UTRS458 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTRS458
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R113-016.E
POLARITY FREE, FAIL-SAFE,
500KBPS, RS-485 / RS-422
TRANSCEIVERS WITH ±12KV
ESD-PROTECTED
DESCRIPTION
The UTC UTRS458 is a Polarity-Free half-duplex transceiver
designed for RS-485 data bus network, which contains one transmitter
and one receiver. The UTC UTRS458 features a fail-safe receiver,
which guarantees the receiver to output high when the receiver inputs
are open, short or idle.
The UTC UTRS458 can automatically detect the polarity for A and
B pins when pull-high for A and pull-low for B have been designed on
the RS485 bus. The detection function is real-time monitored the bus
polarity without any data flow on the RS485 bus.
The UTC UTRS458 also features a hot-swap glitch free protection
circuits which guarantee outputs of both the transmitter and the
receiver in a high impedance state during the power up period. So that
the large short current from power to ground will be disable by glitch
free function, which will save the power and enhance the efficiency of
the power up.
The UTC UTRS458 is optimized for signal rates up to 500Kbps
with differential voltage of 2.3V. The UTC UTRS458 also has the
thermal shutdown function when the temperature is over 150°C and
the protection of the current limitation in the transmitter to protect the
itself from the damage by the system-fault conditions during normal
operation.
FEATURES
* Meet the requirements of the EIA/TIA-485 standards.
* 5.0V single power supply.
* 1µA low-current shutdown mode.
* HBM ±12kV ESD protection for Transmitter Output
* True fail-safe receiver while maintaining EIA/TIA-485
compatibility.
* Hot-swap glitch free protection on control inputs.
* Up to 256 transceivers on the bus.
* Maximum baud rate up to 500Kbps.
* Transmitter short circuit current limit.
* Thermal shutdown for overload protection.
* Polarity-Free for RS485 bus pins.
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UTRS458L-S08-R
UTRS458G-S08-R
SOP-8
Tape Reel


Similar Part No. - UTRS458

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTRS458G-S08-R UTC-UTRS458G-S08-R Datasheet
212Kb / 8P
CMOS IC
More results

Similar Description - UTRS458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Unisonic Technologies
UTRS485 UTC-UTRS485_17 Datasheet
263Kb / 8P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3080 UTC-UTRS3080 Datasheet
241Kb / 9P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3082 UTC-UTRS3082 Datasheet
218Kb / 8P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3088 UTC-UTRS3088_18 Datasheet
241Kb / 8P
TRANSCEIVERS WITH ESD-PROTECTED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com