Electronic Components Datasheet Search
  English  ▼

X  

AD5201 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5201
Description  256-Position and 33-Position Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5201 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5201 Datasheet HTML 8Page - Analog Devices AD5201 Datasheet HTML 9Page - Analog Devices AD5201 Datasheet HTML 10Page - Analog Devices AD5201 Datasheet HTML 11Page - Analog Devices AD5201 Datasheet HTML 12Page - Analog Devices AD5201 Datasheet HTML 13Page - Analog Devices AD5201 Datasheet HTML 14Page - Analog Devices AD5201 Datasheet HTML 15Page - Analog Devices AD5201 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. B
AD5200/AD5201
–12–
D7
D6
D5
D4
D3
D2
D1
D0
RDAC
LATCH &
DECODER
SHDN
SWSHDN
SW2N 1
SW2N 2
SW1
SW0
A
R
R
R
B
W
DIGITAL CIRCUITRY
OMITTED FOR CLARITY
R
RAB
2N–1
Figure 2a. AD5200 Equivalent RDAC Circuit. 255 positions
can be achieved up to Switch SW 2
N
–1.
SW2N 1
D5
D4
D3
D2
D1
D0
RDAC
LATCH &
DECODER
SW2N 2
SW1
SW0
R
R
R
R
B
W
DIGITAL CIRCUITRY
OMITTED FOR CLARITY
SHDN
A
SWSHDN
SW2N
R
RAB
2N
Figure 2b. AD5201 Equivalent RDAC Circuit. Unlike AD5200,
33 positions can be achieved all the way to Switch SW 2
N.
The general equation determining the digitally programmed
output resistance between W and B is:
RD
D
R
WB
AB
() =+
255
50
Ω
for AD5200
(1)
RD
D
R
WB
AB
() =+
32
50
Ω
for AD5201
(2)
where:
D
is the decimal equivalent of the data contained in
RDAC latch.
RAB is the nominal end-to-end resistance.
RW is the wiper resistance contributed by the on-resistance
of the internal switch.
Note D in AD5200 is between 0 to 255 for 256 positions. On
the other hand, D in AD5201 is between 0 to 32 so that 33
positions can be achieved due to the slight internal structure
difference, Figure 2b.
Again if RAB = 10 k
Ω and A terminal can be opened or tied to
W, the following output resistance between W to B will be set
for the following RDAC latch codes:
AD5200 Wiper-to-B Resistance
DRWB
(DEC)
( )
Output State
255
10050
Full-Scale (RAB + RW)
128
5070
Midscale
189
1 LSB
0
50
Zero-Scale (Wiper Contact Resistance)
AD5201 Wiper-to-B Resistance
DRWB
(DEC)
( )
Output State
32
10050
Full-Scale (RAB + RW)
16
5050
Midscale
1
363
1 LSB
0
50
Zero-Scale (Wiper Contact Resistance)
Note that in the zero-scale condition a finite wiper resistance of
50
Ω is present. Care should be taken to limit the current flow
between W and B in this state to no more than
±20 mA to avoid
degradation or possible destruction of the internal switch contact.
Like the mechanical potentiometer the RDAC replaces, it is
totally symmetrical. The resistance between the wiper W and
Terminal A also produces a digitally controlled resistance RWA.
When these terminals are used, the B terminal should be tied to
the wiper. Setting the resistance value for RWA starts at a maxi-
mum value of resistance and decreases as the data loaded in
the latch is increased in value. The general equation for this
operation is:
RD
D
R
WA
AB
() =
−
()
+
255
255
50
Ω
for AD5200
(3)
RD
D
R
WA
AB
() =
−
()
+
32
32
50
Ω
for AD5201
(4)
Similarly, D in AD5200 is between 0 to 255, whereas D in
AD5201 is between 0 to 32.
For RAB = 10 k
Ω and B terminal is opened or tied to the wiper
W, the following output resistance between W and A will be set
for the following RDAC latch codes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com