Electronic Components Datasheet Search
  English  ▼

X  

AD5200 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5200
Description  256-Position and 33-Position Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5200 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5200 Datasheet HTML 3Page - Analog Devices AD5200 Datasheet HTML 4Page - Analog Devices AD5200 Datasheet HTML 5Page - Analog Devices AD5200 Datasheet HTML 6Page - Analog Devices AD5200 Datasheet HTML 7Page - Analog Devices AD5200 Datasheet HTML 8Page - Analog Devices AD5200 Datasheet HTML 9Page - Analog Devices AD5200 Datasheet HTML 10Page - Analog Devices AD5200 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
AD5200/AD5201
–7–
CODE – Decimal
224
–0.2
–0.1
0.0
0.1
0.3
192
160
128
96
64
32
0
256
–0.3
VDD = +2.7V, VSS = –2.7V
VDD = 5.5V, VSS = 0V
VDD = 2.7V, VSS = 0V
0.2
–0.4
–0.5
TPC 7. AD5200 10 k
Ω INL vs. Code
CODE – Decimal
28
0.005
0.010
0.020
24
20
16
12
8
4
032
0.000
VDD = +2.7V, VSS = –2.7V
VDD = 5.5V, VSS = 0V
VDD = 2.7V, VSS = 0V
0.015
–0.005
–0.010
TPC 8. AD5201 10 k
Ω INL vs. Code
VIH – V
0.01
0.1
10
5.0
4.0
3.0
2.0
1.0
0.0
0.001
1.0
IDD @ VDD/VSS = 5V/0V
IDD @ VDD/VSS = 3V/0V
IDD @ VDD/VSS = 2.5V
ISS @ VDD/VSS = 2.5V
TPC 9. Supply Current vs. Logic Input Voltage
TEMPERATURE – C
20
–40
18
16
14
12
10
8
6
4
2
0
–20
0
20
40
60
80
100
VIL = VSS
VIH = VDD
VDD = 5.5V
VDD = 2.7V
TPC 10. Supply Current vs. Temperature
TEMPERATURE – C
14
–40
12
10
8
6
4
2
0
–2
–20
0
20
40
60
80
100
VDD = 5.5V
TPC 11. Shutdown Current vs. Temperature
VSUPPLY – V
160
06
140
120
100
80
60
40
20
0
5
4
3
2
1
VDD = 2.7V
VDD = 5.5V
SEE TEST CIRCUIT 13
TA = 25 C
TPC 12. Wiper ON Resistance vs. V SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com