Electronic Components Datasheet Search
  English  ▼

X  

AD5232 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 4 Page - Analog Devices

  AD5232 Datasheet HTML 1Page - Analog Devices AD5232 Datasheet HTML 2Page - Analog Devices AD5232 Datasheet HTML 3Page - Analog Devices AD5232 Datasheet HTML 4Page - Analog Devices AD5232 Datasheet HTML 5Page - Analog Devices AD5232 Datasheet HTML 6Page - Analog Devices AD5232 Datasheet HTML 7Page - Analog Devices AD5232 Datasheet HTML 8Page - Analog Devices AD5232 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRELIMINARY TECHNICAL DATA
Nonvolatile Memory Digital Potentiometers
AD5231/AD5232/AD5233
REV PrF
4
22 MAR '01
Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa
Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com
Absolute Maximum Rating (TA = +25°C, unless
otherwise noted)
VDD to GND ..............................................................-0.3, +7V
VSS to GND .................................................................0V, -7V
VDD to VSS .........................................................................+7V
VA, VB, VW to GND..................................................VSS, VDD
AX – BX, AX – WX, BX – WX
Intermittent ................................................... ±20mA
Continuous................................................... ±1.3mA
Ox to GND .................................................................. 0V, VDD
Digital Inputs & Output Voltage to GND .................. 0V, +7V
Operating Temperature Range ........................ -40°C to +85°C
Maximum Junction Temperature (TJ MAX) .................. +150°C
Storage Temperature ..................................... -65°C to +150°C
Lead Temperature (Soldering, 10 sec) ......................... +300°C
Package Power Dissipation ........................ (TJMAX - TA) / θJA
Thermal Resistance
θ
JA,
TSSOP-16 ..................................................... 150°C/W
TSSOP-24 ..................................................... 128°C/W
Ordering Guide
Number of
End to End
Temp
Package
Package
#Devices
Top Mark
Model
Channels
R (k Ohm)
Range
Description
Option
per Container
AD5231BRU10
X1
10
-40/+85°C
TSSOP-16
RU-16
AD5231BRU10-REEL7
X1
10
-40/+85°C
TSSOP-16
RU-16
1,000
AD5231BRU50
X1
50
-40/+85°C
TSSOP-16
RU-16
AD5231BRU50-REEL7
X1
50
-40/+85°C
TSSOP-16
RU-16
1,000
AD5231BRU100
X1
100
-40/+85°C
TSSOP-16
RU-16
AD5231BRU100-REEL7
X1
100
-40/+85°C
TSSOP-16
RU-16
1,000
AD5232BRU10
X2
10
-40/+85°C
TSSOP-16
RU-16
AD5232BRU10-REEL7
X2
10
-40/+85°C
TSSOP-16
RU-16
1,000
AD5232BRU50
X2
50
-40/+85°C
TSSOP-16
RU-16
AD5232BRU50-REEL7
X2
50
-40/+85°C
TSSOP-16
RU-16
1,000
AD5232BRU100
X2
100
-40/+85°C
TSSOP-16
RU-16
AD5232BRU100-REEL7
X2
100
-40/+85°C
TSSOP-16
RU-16
1,000
AD5233BRU10
X4
10
-40/+85°C
TSSOP-24
RU-24
AD5233BRU10-REEL7
X4
10
-40/+85°C
TSSOP-24
RU-24
AD5233BRU50
X4
50
-40/+85°C
TSSOP-24
RU-24
AD5233BRU50-REEL7
X4
50
-40/+85°C
TSSOP-24
RU-24
AD5233BRU100
X4
100
-40/+85°C
TSSOP-24
RU-24
AD5233BRU100-REEL7
X4
100
-40/+85°C
TSSOP-24
RU-24
The AD5231/AD5232/AD5233 contains 9,646 transistors.
Die size: 69 mil x 115 mil, 7,993 sq. mil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com