Electronic Components Datasheet Search
  English  ▼

X  

AD5241 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5241
Description  256-Position and 33-Position Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5241 Datasheet HTML 6Page - Analog Devices AD5241 Datasheet HTML 7Page - Analog Devices AD5241 Datasheet HTML 8Page - Analog Devices AD5241 Datasheet HTML 9Page - Analog Devices AD5241 Datasheet HTML 10Page - Analog Devices AD5241 Datasheet HTML 11Page - Analog Devices AD5241 Datasheet HTML 12Page - Analog Devices AD5241 Datasheet HTML 13Page - Analog Devices AD5241 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD5200/AD5201
–10–
OUTPUT
(2V/DIV)
INPUT
(5V/DIV)
TPC 25. Large Signal Settling Time
VOUT
(20mV/DIV)
TPC 26. Digital Feedthrough vs. Time
CODE – Decimal
4000
500
0
3500
3000
2500
2000
1500
1000
500
0
32
64
96
128
160
192
224
256
TPC 27. AD5200
∆VWB/∆T Potentiometer Mode
Temperature Coefficient
CODE – Decimal
500
0
3500
3000
2500
2000
1500
1000
500
0
32
64
96
128
160
192
224
256
TPC 28. AD5200
∆RWB/∆T Rheostat Mode Temperature
Coefficient
CODE – Decimal
3000
0
2500
2000
1500
1000
500
0
–500
4
8
12
16
20
24
28
32
TPC 29. AD5201 Potentiometer Mode Temperature
Coefficient
CODE – Decimal
50
0
40
30
20
10
0
–20
4
8
12
16
20
24
28
32
–10
TPC 30. AD5201
∆VWB/∆T Potentiometer Mode Tempco



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com