Electronic Components Datasheet Search
  English  ▼

X  

56F8013 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 56F8013
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8013 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 56F8013 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8013 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 124 page
background image
56F8013 Technical Data, Rev. 2
84
Freescale Semiconductor
Preliminary
Part 8 General Purpose Input/Output (GPIO)
8.1 Introduction
This section is intended to supplement the GPIO information found in the 56F8000 Peripheral User
Manual and contains only chip-specific information. This information supercedes the generic information
in the 56F8000 Peripheral User Manual.
8.2 Configuration
There are four GPIO ports defined on the 56F8013. The width of each port, the associated peripheral and
reset functions are shown in Table 8-1. The specific mapping of GPIO port pins is shown in Table 8-2.
Table 8-1 GPIO Ports Configuration
GPIO Port
Available
Pins in
56F8013
Peripheral Function
Reset Function
A8
PWM, Reset
GPIO, except GPIOA7
B8
SPI, SCI, Timer
GPIO
C6
XTAL, EXTAL, CAN, TMRC (GPIOC5 and
GPIOC7 are not bonded out on the
56F8013)
Analog
D4
JTAG
JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com