Electronic Components Datasheet Search
  English  ▼

X  

PDC150 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PDC150
Description  Gray Face, White Segments or Black Face, White Segments
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PDC150 Datasheet(HTML) 1 Page - P-tec Corporation

  PDC150 Datasheet HTML 1Page - P-tec Corporation PDC150 Datasheet HTML 2Page - P-tec Corporation PDC150 Datasheet HTML 3Page - P-tec Corporation PDC150 Datasheet HTML 4Page - P-tec Corporation PDC150 Datasheet HTML 5Page - P-tec Corporation PDC150 Datasheet HTML 6Page - P-tec Corporation PDC150 Datasheet HTML 7Page - P-tec Corporation PDC150 Datasheet HTML 8Page - P-tec Corporation PDC150 Datasheet HTML 9Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
 
www.p-tec.net
052015 Rev0 MS
Page 1 of 9
PRODUCT SPECIFICATION
Series Number
PDC150
Details
 1.5” (38mm) Display
 1 Digit, 7 Segment
 Common Anode or Cathode
 AlInGaP or InGaN dice used
Features
 Low power consumption
 RoHS Compliant
 Gray Face, White Segments or Black Face,
White Segments
 Easy mounting on PCB or socket
Mechanical Dimensions
Notes: 
1. Dimensions in millimeters [inch], and tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
2. Bending ≤ Length*1%
3. All pins are ⌀0.510.[020]±0.1[.004]
4.
 Specifications subject to change without notice


Similar Part No. - PDC150

ManufacturerPart #DatasheetDescription
logo
PARKER HANNIFIN CORP
PDC15-FH PARKER-PDC15-FH Datasheet
809Kb / 10P
Magnetic rodless cylinder P1Z series
PDC15-LB PARKER-PDC15-LB Datasheet
809Kb / 10P
Magnetic rodless cylinder P1Z series
More results

Similar Description - PDC150

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDC40-CXDXXX P-TEC-PDC40-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC56C-CXDW01 P-TEC-PDC56C-CXDW01 Datasheet
821Kb / 8P
Gray Face, White Segments or Black Face, White Segments
PDC300-CXDXXX P-TEC-PDC300-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC303-CXMXXX P-TEC-PDC303-CXMXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC563-CXMXXX P-TEC-PDC563-CXMXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC20SM-CXDXXX P-TEC-PDC20SM-CXDXXX Datasheet
984Kb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC28SM-CXDXXX P-TEC-PDC28SM-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC30SM-CXDXXX P-TEC-PDC30SM-CXDXXX Datasheet
1Mb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC39SM-CXDXXX P-TEC-PDC39SM-CXDXXX Datasheet
966Kb / 9P
Gray Face, White Segments or Black Face, White Segments
PDC40SM-CXDXXX P-TEC-PDC40SM-CXDXXX Datasheet
712Kb / 9P
Gray Face, White Segments or Black Face, White Segments
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com