Electronic Components Datasheet Search
  English  ▼

X  

FS-335 Datasheet(PDF) 1 Page - Epson Company

Part # FS-335
Description  SAW RESONATOR For Automotive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

FS-335 Datasheet(HTML) 1 Page - Epson Company

  FS-335 Datasheet HTML 1Page - Epson Company FS-335 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal unit
Specifications (characteristics
)
Item
Symbol
Specifications
Conditions / Remarks
NS-32R
FS-335
FS-555
Nominal frequency range
f_nom
312 MHz to
870 MHz
300 MHz to
870 MHz
230 MHz to
500 MHz
Please contact us about available frequencies.
Storage temperature
T_stg
-40
C to +85 C
Storage as single product.
Operating temperature
T_use
-40
C to +85 C
Level of drive
DL
1 mW Typ.
2 mW Typ.
FS-335 : f_nom >500 MHz 0.1 mW Typ.
Frequency tolerance (standard)
f_tol
As per below table
+25
C
Turnover temperature
Ti
+25
C20 C
+25
C15 C
Please specify
Parabolic coefficient
B
-(1.6
0.4)  10-8 / C2
-(3.4
0.8)  10-8 / C2
Harmonic ratio
RS/R1
2 Min.
Motional resistance (ESR)
R1
As per table below
Frequency aging
f_age
10  10-6 / year Max.
+25
C
Shock resistance
S.R.
10  10-6 Max.
Nine drops on a concrete surface from 1500 mm
Frequency tolerance / Motional resistance
Model
Item
312 MHz to 500 MHz
500 MHz to 870 MHz
NS-32R
Frequency tolerance (standard)
50  10-6, 100  10-6 *1
100  10-6
Motional resistance (ESR)
30
 Max.
Model
Item
230 MHz to 250 MHz
250 MHz to 300 MHz
300 MHz to 500 MHz
500 MHz to 870 MHz
FS-335
Frequency tolerance (standard)
-
-
50  10-6, 100  10-6 *1
100  10-6
Motional resistance (ESR)
-
-
25
 Max.
40
 Max.
FS-555
Frequency tolerance (standard)
50  10-6, 100  10-6 *1
-
Motional resistance (ESR)
40
 Max.
25
 Max.
-
*1 Please contact us regarding frequency tolerance ( <
50  10-6 )
Product name
NS-32R
312.00000MHz
99.0
+50.0-50.0
(Standard form)
①
②
③
④
①Model
②Frequency
③Load capacitance(99.0=)
④Frequency tolerance(× 10
-6, +25 C)
External dimensions
(Unit:mm)
.
Footprint (Recommended)
(Unit:mm)
FS-335
FS-555
NS-32R
NS-32R/FS-335
#6
#4
0.98 ±0.15
3.8 ±0.15
#1
#3
Pin map
Pin
Connection
1,3,4,6
GND
2,5
IN, OUT
E 129
31224
0.64
1.27
#1
#3
#4
#2
#5
#6
2.54
#2
#5
Pin map
Pin
Connection
3,7
IN, OUT
4,8
N.C.
1,2,5,6
GND
FS-555
1.5 ±0.2
4.8 ±0.2
31224
E 129
1.27
#8
#6
#4
0.8
#7
#3
#2
2.54
#5
#1
#5
#4
#3
#2
#1
#6
#7
#8
#1,#3,#4,#6 are connected to the cover.
#1,#2,#5,#6 are connected to the cover.
N S -32R /F S -335
1.27
2.54
0.9
FS -5 55
0.95
2.54
3.5
SAW RESONATOR
For Automotive
NS - 32R
FS - 335 / FS - 555
Frequency range
:
230 MHz to 870 MHz
External dimensions : 3.8 × 3.8 × 0.98 mm ···NS-32R / FS-335
:
4.8 × 5.2 × 1.5 mm ···FS-555
Overtone order
:
Fundamental
Applications
:
Remote keyless entry(RKE)
(Please contact us for except RKE use.)
Product Number (please contact us)
NS-32R: Q25NS32R0xxxx00
FS-335: Q25FS3350xxxx00
FS-555: Q25FS5550xxxx00


Similar Part No. - FS-335

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FS-335 EPSONTOYOCOM-FS-335 Datasheet
374Kb / 2P
SAW RESONATOR
More results

Similar Description - FS-335

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Epson ToYoCom
FS-585 EPSONTOYOCOM-FS-585 Datasheet
332Kb / 2P
SAW RESONATOR FOR TPMS
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
logo
Epson Company
FS-585 EPSON-FS-585 Datasheet
392Kb / 2P
SAW RESONATOR For Automotive
NS-21R EPSON-NS-21R Datasheet
360Kb / 2P
SAW RESONATOR For Automotive
logo
Epson ToYoCom
FS-32R EPSONTOYOCOM-FS-32R Datasheet
392Kb / 2P
Saw Resonator For Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com