Electronic Components Datasheet Search
  English  ▼

X  

OV2680 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV2680
Description  Cost-Effective, Low-Power 2-Megapixel Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2680 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV2680 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV2680 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
¬
Ultrabooks
PC Multimedia
Games
Home Entertainment
¬
¬
¬
Cellular and Picture Phones
Tablets
Toys
Applications
¬
¬
¬
¬
¬
MIPI and D-PHY specification (contains
one clock lane) with a maximum of
750 Mbps data transfer rate
support for output formats:
- OV2680: 10-bit RAW RGB
- OV2685: 10-bit RAW RGB, 8-bit YUV
programmable controls for frame rate,
mirror and flip, cropping, and windowing
low operating voltage and low power
consumption for embedded portable
applications
supports global analog gain
high sensitivity and low dark current
for low-light conditions
supports free-running clock and
gated clock
supports down-sampling
and binning mode
auto black level calibration
defect correction capability
supports horizontal and
vertical subsampling
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV02680-H47A
(color, lead-free, 47-pin CSP5)
¬
OV02685-H53A
(color, lead-free, 53-pin CSP5)
Ordering Information
¬
¬
¬
¬
¬
active array size: 1616 x 1216
power supply:
- OV2680 core: 1.58V ±3%
- OV2685 core: 1.7 ~ 1.9V
- analog: 2.6 ~ 3.0V
- I/O: 1.7 ~ 3.0V
power requirements:
- OV2680 active: 123 mW
- OV2685 active: 259 mW
- XSHUTDN: <1 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output formats: 10-bit RGB RAW,
8-bit YUV (OV2685)
¬
¬
¬
¬
¬
¬
¬
¬
¬
lens size: 1/5"
lens chief ray angle: 28.5° non-linear
input clock frequency: 6 ~ 27 MHz
maximum image transfer rate: 30 fps
scan mode: progressive
maximum exposure interval:
1 frame - 4 tROW
pixel size: 1.75 µm x 1.75 µm
image area: 2840 µm x 2150 µm
package/die dimensions:
- OV2680 CSP5: 4180 µm x 3480 µm
- OV2685 CSP5: 4454 µm x 4014 µm
Product Specifications
Version 1.2, July, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and VarioPixel are registered trademarks of OmniVision
Technologies, Inc. The OmniVision logo and OmniPixel3-HS are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV2680/OV2685
OV2680/OV2685
image sensor core
image
sensor
processor
image output
interface
column
sample/hold
PLL
control register bank
SCCB slave interface
timing generator and system control logic
image
array
gain control
AMP
10-bit
ADC
MIPI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com