Electronic Components Datasheet Search
  English  ▼

X  

0SCN Datasheet(PDF) 1 Page - Epson Company

Part # 0SCN
Description  CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

0SCN Datasheet(HTML) 1 Page - Epson Company

  0SCN Datasheet HTML 1Page - Epson Company 0SCN Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal oscillator
Crystal oscillator
Crystal oscillator
Crystal oscillator
Specifications (characteristics)
Item
Symbol
SG-310 SEF
SG-310 SDF
SG-310 SCF
SG-310 SDN
SG-310 SCN
Conditions / Remarks
Output frequency range
f0
2.000 MHz to 48.000 MHz
3.000 MHz to 80.000 MHz
Please contact us about available frequencies.
Supply voltage
VCC
1.8 V Typ.
1.6 V to 2.2 V
2.5 V Typ.
2.2 V to 3.0 V
3.3 V Typ.
2.7 V to 3.6 V
2.5 V Typ.
2.2 V to 2.7 V
3.3 V Typ.
2.7 V to 3.6 V
Storage temperature
T_stg
-40
°C to +125 °C
Storage as single product.
Operating temperature
T_use
-40
°C to +85 °C
-40
°C to +85 °C (+105 °C)
Please contact us about +85 °C < T_use
Frequency tolerance
f_tol
B:
±50 × 10-6, C: ±100 × 10-6
-20
°C to +70 °C
L:
±50 × 10-6, M: ±100 × 10-6
-40
°C to +85 °C
–
D:±20 × 10
-6 ,S:±25 × 10-6
-20
°C to +70 °C
–
R:±25 × 10
-6 ,P:±20 × 10-6
-30
°C to +85 °C
–
J:±25 × 10
-6
-40
°C to +85 °C
Current consumption
ICC
1.5 mA Max.
1.5 mA Max.
1.5 mA Max.
4.0 mA Max.
5.0 mA Max.
No load condition,
2 MHz
≤f0≤ 4 MHz
1.5 mA Max.
1.5 mA Max.
2.0 mA Max.
No load condition,
4 MHz<f0
≤ 8 MHz
1.5 mA Max.
2.0 mA Max.
2.5 mA Max.
No load condition,
8 MHz<f0
≤16 MHz
2.0 mA Max.
2.0 mA Max.
2.5 mA Max.
No load condition, 16 MHz<f0
≤25 MHz
2.0 mA Max.
2.5 mA Max.
3.5 mA Max.
No load condition, 25 MHz<f0
≤33 MHz
3.0 mA Max.
3.5 mA Max.
4.5 mA Max.
No load condition, 33 MHz<f0
≤48 MHz
–
6.0 mA Max.
7.0 mA Max.
No load condition, 48 MHz<f0
≤80 MHz
Stand-by current
I_std
0.7
µA Max.
(0.2
µA Typ.)
1.5
µA Max.
(0.5
µA Typ.)
2.0
µA Max.
(1.0
µA Typ.)
10 µA Max.
ST =GND
Symmetry
SYM
45 % to 55 %
45 % to 55 %
45 % to 55 %
45 % to 55 %
2 MHz≤f0≤16 MHz
50 % VCC level
L_CMOS
≤ 15 pF
40 % to 60 %
16 MHz<f0
≤40 MHz
40 % to 60 %
40 MHz<f0
≤80 MHz
Output voltage
VOH
90 % VCC Min.
IOH=-3 mA
VOL
10 % VCC Max.
IOL= 3 mA
Output load condition (CMOS)
L_CMOS
15 pF Max.
Input voltage
VIH
80 % VCC Min.
70 % VCC Min.
ST terminal
VIL
20 % VCC Max.
30 % VCC Max.
Rise time / Fall time
tr/ tf
4 ns Max.
20 % VCC to 80 % VCC level, L_CMOS=15 pF
Start-up time
t_str
10 ms Max.
2 ms Max.
t=0 at 90 % VCC
Frequency aging
f_aging
±5 × 10-6 / year Max.
±3 × 10-6 / year Max.
+25 °C, First year, V CC=1.8 V, 2.5 V, 3.3 V
–
±10 × 10-6 Max.
+25 °C, 10 years
Product Name
SG-310 S E F 25.000000MHz L
(Standard form)
Model
Function (S:Standby)
Supply voltage
Frequency
Frequency tolerance
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
Supply voltage
Frequency tolerance
*Only SDN, SCN are available
E
1.8 V Typ.
B
±50 × 10
-6
/ -20 to +70°C
D*
±20 × 10
-6
/ -20 to +70°C
D
2.5 V Typ.
C
±100 × 10
-6 / -20 to +70°C
S*
±25 × 10
-6
/ -20 to +70°C
C
3.3 V Typ.
L
±50 × 10
-6
/ -40 to +85°C
R*
±25 × 10
-6
/ -30 to +85°C
M
±100 × 10
-6 / -40 to +85°C
P*
±20 × 10
-6
/ -30 to +85°C
J*
±25 × 10
-6
/ -40 to +85°C
CRYSTAL OSCILLATOR (SPXO)
OUTPUT : CMOS
SG - 310 series
•Frequency range
:
2 MHz to 80 MHz
•Supply voltage
:
1.8 V Typ. / 2.5 V Typ. / 3.3 V Typ.
•Current consumption : 1.5 mA Typ.
(SEF: 1.8 V No load condition 48 MHz)
•Function
:
Standby( ST )
•External dimensions : 3.2 × 2.5 × 1.05 mm
E25.00B
EF241A
3.2
±0.2
2.2
#2
#1
#2
#4
#3
#3
0.9
#1
#4
Note.
ST
pin = HIGH or "open" : Specified frequency output.
ST
pin = LOW : Output is high impedance, oscillation stops.
Pin map
Pin
Connection
1
ST
2
GND
3
OUT
4
VCC
1.4
2.4
#1
#2
#3
#4
C (ex.0.01 µF)
Resist
Product Number (please contact us)
Q33310xx0xxxx00
To maintain stable operation, provide a 0.01uF to 0.1uF by-pass
capacitor at a location as near as possible to the power source
terminal of the crystal product (between Vcc - GND).


Similar Part No. - 0SCN

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
0SCN EPSONTOYOCOM-0SCN Datasheet
227Kb / 1P
CRYSTAL OSCILLATOR SPXO
More results

Similar Description - 0SCN

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-210SEBA EPSON-SG-210SEBA Datasheet
380Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SED EPSON-SG-210SED Datasheet
341Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SGB EPSON-SG-210SGB Datasheet
354Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
TCO-710 EPSON-TCO-710 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG2016CAA EPSON-SG2016CAA Datasheet
511Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-211SEE EPSON-SG-211SEE Datasheet
340Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-636 EPSON-SG-636 Datasheet
342Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS, TTL
SG3225VEN EPSON-SG3225VEN Datasheet
618Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com