Electronic Components Datasheet Search
  English  ▼

X  

AWS5503 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWS5503
Description  GaAs IC High Power SPDT Reflective Switch Positive Control DC-3 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5503 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWS5503 Datasheet HTML 1Page - ANADIGICS, Inc AWS5503 Datasheet HTML 2Page - ANADIGICS, Inc AWS5503 Datasheet HTML 3Page - ANADIGICS, Inc AWS5503 Datasheet HTML 4Page - ANADIGICS, Inc AWS5503 Datasheet HTML 5Page - ANADIGICS, Inc AWS5503 Datasheet HTML 6Page - ANADIGICS, Inc AWS5503 Datasheet HTML 7Page - ANADIGICS, Inc AWS5503 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.0
08/2001
AWS5503
Table 3: Operating Ranges
Notes:
1. All measurements made in a 50 ohm system, unless otherwise specified.
2. DC = 300 kHz.
3. Insertion loss changes by 0.003 dB/°C.
4. Insertion loss state.
5. Video feedthru measured with 1 ns rise time pulse and 500 MHz bandwidth.
ELECTRICAL CHARACTERISTICS AT 25 °C (0, +5V)
R
E
T
E
M
A
R
A
P
N
O
I
T
I
D
N
O
C
Y
C
N
E
U
Q
E
R
F
N
I
M
P
Y
T
X
A
M
T
I
N
U
s
c
it
ir
e
t
c
a
r
a
h
C
g
n
i
h
c
ti
w
S
5
)
F
R
%
0
1
/
0
9
r
o
%
0
9
/
0
1
(
ll
a
F
,
e
s
i
R
%
0
1
/
%
0
9
o
t
L
T
C
%
0
5
(
ff
O
,
n
O
)
F
R
u
r
h
t
d
e
e
F
o
e
d
i
V
--
0
6
0
0
1
0
5
-
s
n
s
n
V
m
t
n
i
o
P
t
p
e
c
r
e
t
n
I
n
o
it
a
l
u
d
o
m
r
e
t
n
I
)
3
P
I(
0
1
+
r
e
w
o
P
t
u
p
n
I
e
n
o
t-
o
w
T
r
o
F
m
B
d
z
H
G
9
.
1-
5
5
+-
m
B
d
n
o
i
s
s
e
r
p
m
o
C
B
d
1
r
o
f
r
e
w
o
P
t
u
p
n
I
V
3
+
@
V
5
+
@
z
H
G
9
.
1
z
H
G
9
.
1
-
5
.
8
2
+
5
3
+
-m
B
d
e
g
a
tl
o
V
l
o
rt
n
o
C
V
W
O
L
x
a
M
A
u
0
2
@
V
2
.
0
o
t
0
=
V
H
G
I
H
x
a
M
A
u
0
0
2
@
V
5
+
o
t
x
a
M
A
u
0
0
1
@
V
3
+
=
V
S
V
=
H
G
I
H
+V
2
.
0
Table 2: Absolute Minimum and Maximum Ratings
The device may be operated safely over these conditions; however, parametric performance is guaranteed
only over the conditions defined in the electrical specifications.
Stresses in excess of the absolute ratings may cause permanent
damage.
Functional operation is not implied under these
conditions. Exposure to absolute ratings for extended periods of
time may adversely affect reliability.
Q
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
r
e
w
o
P
t
u
p
n
I
F
R
l
o
rt
n
o
C
V
5
+
/
0
,
z
H
M
0
0
9
>
-6
W
e
g
a
tl
o
V
y
l
p
p
u
S-
8
+V
e
g
a
tl
o
V
l
o
rt
n
o
C2
.
0
-8
+V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
-5
8
+C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1
+C
°
C
J-
5
2
+W
/
C
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com