Electronic Components Datasheet Search
  English  ▼

X  

MMBTA28 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA28
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA28 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA28 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA28 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MMBTA28
0.5A , 80V
P
Plastic Encapsulated Transistor
02-Nov-2017 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Gain
MARKING
3SS
PACKAGE INFORMATION
ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
12
V
Collector Current
IC
500
mA
Collector Power Dissipation
PC
200
mW
Thermal Resistance From Junction-Ambient
RθJA
625
°C/W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
80
-
-
V
IC=100µA, IE=0
Collector-Emitter Breakdown Voltage
VCEO(sus)
80
-
-
V
IC=100µA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
12
-
-
V
IE=10µA, IC=0
Collector Cut-off Current
ICBO
-
-
0.1
µA
VCB=60V, IE=0
Collector Cut-off Current
ICES
-
-
0.5
µA
VCE=60V, VBE=0
Emitter Cut-off Current
IEBO
-
-
0.1
µA
VEB=10V, IC=0
hFE(1)
10
-
-
VCE=5V, IC=10mA
DC Current Gain
1
hFE(2)
10
-
-
VCE=5V, IC=100mA
VCE(sat)1
-
-
1.2
V
IC=10mA, IB=0.01mA
Collector-Emitter Saturation Voltage
1
VCE(sat)2
-
-
1.5
V
IC=100mA, IB=0.1mA
Base-Emitter Voltage
1
VBE
-
-
2
V
VCB=5V, IC=100mA
Collector output capacitance
Cob
-
-
8
pF
VCB=1V, IE=0, f=1MHz
Transition Frequency
fT
125
-
-
MHz
VCE=5V, IC=10mA, f=100MHz
Notes:
1.
Pulse test: pulse width≦300µs, duty cycle≦2.0%.
Package
MPQ
Leader Size
SOT-23
3K
7 inch
Part Number
Type
MMBTA28
Lead (Pb)-free
MMBTA28-C
Lead (Pb)-free and Halogen-free
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0
0.18
B
2.10
2.95
H
0.55 REF.
C
1.20
1.7
J
0.08
0.20
D
0.89
1.3
K
0.6 REF.
E
1.70
2.3
L
0.95 BSC.
F
0.30
0.50


Similar Part No. - MMBTA28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTA28 FAIRCHILD-MMBTA28 Datasheet
122Kb / 4P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
MMBTA28 DIODES-MMBTA28 Datasheet
89Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 8 - 2
logo
Fairchild Semiconductor
MMBTA28 FAIRCHILD-MMBTA28 Datasheet
634Kb / 15P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
110Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
More results

Similar Description - MMBTA28

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP869 SECOS-BCP869 Datasheet
75Kb / 2P
Plastic Encapsulated Transistor
S9014W SECOS-S9014W Datasheet
269Kb / 2P
Plastic Encapsulated Transistor
2SC2655L SECOS-2SC2655L Datasheet
622Kb / 2P
NPN Plastic Encapsulated Transistor
A1020 SECOS-A1020 Datasheet
306Kb / 2P
PNP Plastic-Encapsulated Transistor
MMBT1616A-C SECOS-MMBT1616A-C Datasheet
220Kb / 2P
NPN Plastic Encapsulated Transistor
CZD882M SECOS-CZD882M Datasheet
349Kb / 2P
NPN Plastic Encapsulate Transistor
BCPA44 SECOS-BCPA44 Datasheet
353Kb / 2P
NPN Plastic Encapsulated Transistor
2SC554 SECOS-2SC554 Datasheet
224Kb / 2P
NPN Plastic Encapsulated Transistor
2SB1151 SECOS-2SB1151 Datasheet
304Kb / 2P
PNP Plastic Encapsulated Transistor
PZT772J SECOS-PZT772J Datasheet
319Kb / 2P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com