Electronic Components Datasheet Search
  English  ▼

X  

CS8130 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS8130 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CS8130 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS8130 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TRANSMITTER
TXD
10
1
On
Off
* LED Output
PIN Input
Light
No Light
RECEIVER
** RXD
A
B
A: 1/baud rate
B: 3/16 of 1/115200 or 3/16 of A (selectable)
C: 3/16 of 1/115200 to 3/16 of A
C
* LED1C and LED2C go low to turn on LED.
** RXD output is delayed from the PIN diode
input by A (1 bit).
Figure 2. Infra Red Data Format Mode 1 (IRDA/HPSIR)
TRANSMITTER
TXD
10
1
On
Off
LED Output
PIN Input
Light
No Light
RECEIVER
RXD
A
A: 1/baud rate
B: 1/527kHz
C: 1/500kHz +/- 10%
C
B
Figure 3. Infra Red Data Format Mode 2 (500kHz ASK)
TRANSMITTER
TXD Data *
10
1
On
Off
LED Output
PIN Input
Light
No Light
RECEIVER
RXD Data *
A
A: 1/2400
B: 1/38.4kHz
C: 1/40kHz +/- 10%
C
* The timing of data
on the RXD and TXD pins
is faster than shown here
These numbers are typical values.
TV Remote Bit Rate and Modulation
Frequency are programmable.
B
Figure 4. Infra Red Data Format 3 (TV Remote, 38kHz ASK)
CS8130
DS134PP2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com