Electronic Components Datasheet Search
  English  ▼

X  

DP64 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DP64
Description  32-Pin DIP 4 - Pole Filters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DP64 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DP64 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP64 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP64 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP64 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP64 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP64 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP64 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP64 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP64 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1.0 Hz to 100 kHZ
Fixed Frequency
D64 & DP64 Series
32-Pin DIP
4 - Pole Filters
Available Low-Pass Models:
. . . . . . . . . . .Page
D64L4B & DP64L4B
4-pole Butterworth . . . . . .2
D64L4L & DP64L4L
4-pole Bessel . . . . . . . . . .2
D64L4Y2 & DP64L4Y2 4-pole Cheby
(0.2 dB Ripple) . . . . . . . . .2
D64L4Y5 & DP64L4Y5 4-pole Cheby
(0.5 dB Ripple) . . . . . . . . .2
Available High-Pass Models:
D64H4B
4-pole Butterworth . . . . . . . . . . . . . . . .3
D64H4Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . .3
D64H4Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . .3
General Specifications:
Pin-out/package data & ordering information . . . .4
Description
The D64 and DP64 Series of small 4-pole fixed-
frequency, precision active filters provide high
performance linear active filtering in a compact 32-
pin DIP package, with a broad range of corner
frequencies and a choice of transfer functions.
Individual D64 filters can serve in low-pass or high-
pass applications (DP64, low-pass only) or be
combined to create custom band-pass or band-
reject filters.
These fully self-contained units
require no external components or adjustments.
Each model comes factory tuned to a user-specified
corner frequency between 1 Hz and 100 kHz (DP64,
1 Hz to 5 kHz) and operate with low total harmonic
distortion over a wide dynamic input voltage range
from non-critical +/-5V to +/-18V power supplies.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Acoustic and vibration analysis and control
• Noise elimination
• Signal reconstruction
Features/Benefits:
• Low harmonic distortion and wide signal-to-noise
ratio
• Compact 1.8"L x 0.8"W x 0.3"H minimizes board
space requirements.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.


Similar Part No. - DP64

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP640 3M-DP640 Datasheet
148Kb / 6P
3M??Scotch-Weld??Urethane Adhesive
logo
Micronetics, Inc.
DP640.75-67A MICRONETICS-DP640.75-67A Datasheet
47Kb / 1P
FOUR-BITOCTAVE-BANDDIGITAL FREQUENCYTRANSLATORS
DP641.5-67A MICRONETICS-DP641.5-67A Datasheet
47Kb / 1P
FOUR-BITOCTAVE-BANDDIGITAL FREQUENCYTRANSLATORS
DP643.0-67A MICRONETICS-DP643.0-67A Datasheet
47Kb / 1P
FOUR-BITOCTAVE-BANDDIGITAL FREQUENCYTRANSLATORS
DP646.0-67A MICRONETICS-DP646.0-67A Datasheet
47Kb / 1P
FOUR-BITOCTAVE-BANDDIGITAL FREQUENCYTRANSLATORS
More results

Similar Description - DP64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
424L4B ETC1-424L4B Datasheet
419Kb / 12P
32-Pin DIP 4-Pole Filters
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
32-Pin DIP 8-Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
32-Pin DIP 4-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
32-Pin DIP 8-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
32-Pin DIP 8-, 6-, 4-Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
32-Pin DIP 4 - Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
32-Pin DIP 4 - Pole Filters
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
32 Pin DIP 6-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
32 Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com